Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C161PI Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 6Page - Infineon Technologies AG C161PI Datasheet HTML 7Page - Infineon Technologies AG C161PI Datasheet HTML 8Page - Infineon Technologies AG C161PI Datasheet HTML 9Page - Infineon Technologies AG C161PI Datasheet HTML 10Page - Infineon Technologies AG C161PI Datasheet HTML 11Page - Infineon Technologies AG C161PI Datasheet HTML 12Page - Infineon Technologies AG C161PI Datasheet HTML 13Page - Infineon Technologies AG C161PI Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
&3,
Data Sheet
8
1999-07
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
24
25
26
27
28
29
30
26
27
28
29
30
31
32
IO
O
O
O
O
O
O
O
Port 4 is a 7-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For
a pin configured as input, the output driver is put into
high-impedance state. Port 4 outputs can be
configured as push/pull or open drain drivers. The input
threshold of Port 4 is selectable (TTL or special). Port 4
can be used to output the segment address lines:
A16
Least Significant Segment Address Line
A17
Segment Address Line
A18
Segment Address Line
A19
Segment Address Line
A20
Segment Address Line
A21
Segment Address Line
A22
Most Significant Segment Address Line
RD
31
33
O
External Memory Read Strobe. RD is activated for
every external instruction or data read access.
WR/
WRL
32
34
O
External Memory Write Strobe. In WR-mode this pin is
activated for every external data write access. In WRL-
mode this pin is activated for low byte data write
accesses on a 16-bit bus, and for every data write
access on an 8-bit bus. See WRCFG in register
SYSCON for mode selection.
READY 33
35
I
Ready Input. When the Ready function is enabled, a
high level at this pin during an external memory access
will force the insertion of memory cycle time waitstates
until the pin returns to a low level.
An internal pullup device will hold this pin high when
nothing is driving it.
ALE
34
36
O
Address Latch Enable Output. Can be used for latching
the address into external memory or an address latch
in the multiplexed bus modes.
Table 1
Pin Definitions and Functions (continued)
Symbol Pin
Num.
TQFP
Pin
Num.
MQFP
Input
Outp.
Function


Similar Part No. - C161PI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161 INFINEON-C161 Datasheet
5Mb / 400P
   16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Ledil, Inc.
C16118 LEDIL-C16118 Datasheet
2Mb / 6P
   Oval beam for high bay aisles
C16119 LEDIL-C16119 Datasheet
2Mb / 5P
   Type II/III (long) beam for very wide pole to pole distances.
logo
General Cable Technolog...
C1612 GENERAL-C1612 Datasheet
73Kb / 1P
   CONTROL CABLE
logo
Ledil, Inc.
C16123 LEDIL-C16123 Datasheet
2Mb / 4P
   ~11째 spot beam with flange
More results

Similar Description - C161PI

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com