Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1L08SPUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1L08SPUR
Description  800 mA ultra low drop, high PSRR voltage regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08SPUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1L08SPUR Datasheet HTML 6Page - STMicroelectronics ST1L08SPUR Datasheet HTML 7Page - STMicroelectronics ST1L08SPUR Datasheet HTML 8Page - STMicroelectronics ST1L08SPUR Datasheet HTML 9Page - STMicroelectronics ST1L08SPUR Datasheet HTML 10Page - STMicroelectronics ST1L08SPUR Datasheet HTML 11Page - STMicroelectronics ST1L08SPUR Datasheet HTML 12Page - STMicroelectronics ST1L08SPUR Datasheet HTML 13Page - STMicroelectronics ST1L08SPUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
ST1L08
10/21
DocID026624 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOUT = 800 mA,
40 °C < TJ < 125 °C
50
150
ISC
Short-circuit
current
RL = 0
1.8
A
VEN
Enable input
logic low
0.8
V
Enable input
logic high
1.3
IEN
Enable pin input
current
VEN = 1.3 V
1
μA
PG
Power Good
output threshold
Rising edge
0.92 *
VOUT
V
Falling edge
0.8 *
VOUT
Power Good
output voltage
low
Isink = 6 mA open drain output
0.4
V
TSHDN
Thermal
shutdown
165
°C
Hysteresis
20
Notes:
(1)Important: in any case VBIAS ≥ VOUT + 1.5 V.


Similar Part No. - ST1L08SPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L02PU18R STMICROELECTRONICS-ST1L02PU18R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PU25R STMICROELECTRONICS-ST1L02PU25R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PU33R STMICROELECTRONICS-ST1L02PU33R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PUR STMICROELECTRONICS-ST1L02PUR Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
More results

Similar Description - ST1L08SPUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38798 TI-LP38798_15 Datasheet
2Mb / 27P
[Old version datasheet]   LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
LP38798 TI-LP38798 Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com