Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDDJF1A100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJF1A100
Description  Slim Type Single Pole Rocker Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJF1A100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDDJF1A100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJF1A100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJF1A100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
170
170
Industry's thinnest with a 5.2mm body width
Slim Type Single Pole Rocker Type
SDDJF1A
Style (ON position)
Dimensions
Unit:mm
Circuit Diagram
Terminal No.
Plating
Travel
5.2
3.1
5.6
6
Can be used
tab terminal #187
Terminal No.①
15
4.75
4.75
No plating
16
14.5
25
Circuit
arrangement
Operating force
Mounting
method
Product No.
SPST
3±2N
Travel(mm)
4.6
Terminal
configuration
For Lead
Snap-in
Marking(Knob)
Export
Japan
Minimum order unit(pcs.)
750
150
SDDJF1A100
Product Line
without
Ratings and Safety Standards
Items
Specifications
SEMKO(ENEC)
10(6)/ 250〜
8A / 128A250V〜
Refer to P.176 for soldering conditions.
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements(mm)
1 case /Japan
1 case /export packing
150
750
400×270×290
Terminal No.
Plating
Travel
5.2
3.1
5.6
6
Can be used
tab terminal #187
Terminal No.①
15
4.75
4.75
No plating
16
14.5
25
Terminal No.
Plating
Travel
5.2
3.1
5.6
6
Can be used
tab terminal #187
Terminal No.①
15
4.75
4.75
No plating
16
14.5
25


Similar Part No. - SDDJF1A100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF30100 ALPS-SDDJF30100 Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF30100 ALPS-SDDJF30100 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDDJF30200 ALPS-SDDJF30200 Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF30200 ALPS-SDDJF30200 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
More results

Similar Description - SDDJF1A100

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
RA901-VB-B-9-V CARLINGTECH-RA901-VB-B-9-V Datasheet
599Kb / 4P
   Single Pole Rocker
logo
Cherry Semiconductor Co...
PRK22J5BBBNN CHERRY-PRK22J5BBBNN Datasheet
240Kb / 2P
   Rocker Switch Single Pole
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
   Rocker Switch Single Pole
logo
DB Lectro Inc
A04B DBLECTRO-A04B Datasheet
114Kb / 1P
   IDC SOCKET SINGLE ROW (SLIM TYPE)
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Cherry Semiconductor Co...
SRB22A2FBBNN CHERRY-SRB22A2FBBNN Datasheet
563Kb / 2P
   Single-Pole Rocker Switch
logo
Carling Technologies
LRA911-RS-B CARLINGTECH-LRA911-RS-B Datasheet
625Kb / 4P
   Single Pole Lighted Rocker
logo
Cherry Semiconductor Co...
SRJ22A3BBBNN CHERRY-SRJ22A3BBBNN Datasheet
235Kb / 2P
   Rocker Switch Single Pole
logo
Fujitsu Component Limit...
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com