Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDDJE12400 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJE12400
Description  10A 250V AC Qualified Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJE12400 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SDDJE12400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJE12400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJE12400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDDJE12400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDDJE12400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SDDJE12400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
166
166
10A 250V AC Qualified Type
SDDJE
No.
Style(ON position)
4
5
6
PC board mounting hole dimensions
Travel
Terminal No. 1/1
Terminal No. 2/1
5
5.25
21
17
13
10.4
15
12.4
3.5
PC board mounting face
4
23.9
24.9
Right angle(DPST)
With frame
5.25
21
5
1.2
4.75
17
Terminal No. 2/1
Terminal No. 1/1
Travel
8.75
0.5
0.5
13
10.4
5
15
12.4
For PC board(DPST)
Right angle(DPST)
Travel
Terminal No. 1/1
Terminal No. 2/1
5
5.25
21
17
13
10.4
5
15
12.4
3.5
PC board mounting face
Circuit Diagram
SPST
DPST
1
1
1
2
1
1
1
2
2
2
1
2
Dimensions
Unit:mm
24.1
21.5
5 5.25
4-ø1.6
hole
5
5.25
4-ø1.5 hole
5 5.25
4-ø1.6 hole


Similar Part No. - SDDJE12400

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE12400 ALPS-SDDJE12400 Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
More results

Similar Description - SDDJE12400

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Eldeco Srl
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com