Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA02KD-C6H5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25TA02KD-C6H5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02KD-C6H5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25TA02KD-C6H5 Datasheet HTML 4Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 5Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 6Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 7Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 8Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 9Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 10Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 11Page - STMicroelectronics ST25TA02KD-C6H5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Functional description
ST25TA02K-D
8/64
DocID027817 Rev 1
1
Functional description
The ST25TA02K-D device is a dynamic NFC/RFID tag that can be accessed from the RF
interface. The RF interface is based on the ISO/IEC 14443 Type A standard. The
ST25TA02K-D is compatible with the NFC Forum Type 4 Tag specifications and supports all
corresponding commands.
Figure 1 displays the block diagram of the ST25TA02K-D device.
Figure 1. ST25TA02K-D block diagram


Similar Part No. - ST25TA02KD-C6H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-AC6B5 STMICROELECTRONICS-ST25TA02K-AC6B5 Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TA02K-PC6C5 STMICROELECTRONICS-ST25TA02K-PC6C5 Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TA02K-PC6H5 STMICROELECTRONICS-ST25TA02K-PC6H5 Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
More results

Similar Description - ST25TA02KD-C6H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
   NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
   NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
   Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I짼C interface
February 2017 Rev 10
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
   NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
Rev 2 - January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com