Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1-UARU Datasheet(PDF) 6 Page - STMicroelectronics

Part # SR1-UARU
Description  Integrated test mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-UARU Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SR1-UARU Datasheet HTML 2Page - STMicroelectronics SR1-UARU Datasheet HTML 3Page - STMicroelectronics SR1-UARU Datasheet HTML 4Page - STMicroelectronics SR1-UARU Datasheet HTML 5Page - STMicroelectronics SR1-UARU Datasheet HTML 6Page - STMicroelectronics SR1-UARU Datasheet HTML 7Page - STMicroelectronics SR1-UARU Datasheet HTML 8Page - STMicroelectronics SR1-UARU Datasheet HTML 9Page - STMicroelectronics SR1-UARU Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Pin descriptions
SR1
6/21
DocID026048 Rev 2
3
Pin descriptions
3.1
Power supply (VCC)
This pin is used to provide power to the Smart Reset device. A 0.1 µF ceramic decoupling
capacitor is recommended to be connected between the VCC and VSS pins, as close to the
SR1 device as possible.
3.2
Power-up sequence
In normal mode, if different input side (SR) and VCC voltage domains are used, power-on
sequence must avoid meeting the test mode entry condition to avoid inadvertent test mode
entry: there should not be logic high present on the SR input before the VCC power-up.
However VCC and V(SR) rising at the same time is OK (e.g. if both are in the same voltage
domain), the device will then safely start into normal operating mode, with RST output
inactive (in High-Z mode for open-drain option).
3.3
Ground (VSS)
This is the ground pin for the device.
3.4
Smart Reset input (SR)
Push-button Smart Reset input, active low with optional pull-up resistor. SR input needs to
be asserted for at least tSRC to assert the reset output (RST).
By connecting a voltage higher than VCC + 1.4 V to the SR input the device enters test mode
(see Section 1: Description on page 3 for more information).
3.5
Reset output (RST)
RST is active low or active high, open drain or push-pull reset output with optional internal
pull-up resistor.
Output reset pulse width is optional as follows:
Neither fixed nor minimum output reset pulse duration (releasing the push-button while
reset output is active, causes the output to de-assert)
Fixed, factory-programmed output reset pulse duration for tREC independent on Smart
Reset input state.
3.6
RST output undervoltage behavior (for open-drain option)
High-Z on RST output below the specified operating voltage range is guaranteed at VCC
power-on or in case that valid VCC dropped while the device was idle, i.e. while both output
and input were inactive.


Similar Part No. - SR1-UARU

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SR1-01100FZM AAC-SR1-01100FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-02100FZM AAC-SR1-02100FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-0260FZM AAC-SR1-0260FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-03100FZM AAC-SR1-03100FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
More results

Similar Description - SR1-UARU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6524 STMICROELECTRONICS-STM6524 Datasheet
285Kb / 24P
   Integrated test mode
August 2012 Rev 3
logo
List of Unclassifed Man...
AEC-Q100-REV-H ETC-AEC-Q100-REV-H Datasheet
814Kb / 48P
   FAILURE MECHANISM BASED STRESS TEST QUALIFICATION FOR INTEGRATED CIRCUITS
September 11, 2014
logo
ON Semiconductor
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
logo
Schurter Inc.
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
logo
Pulse A Technitrol Comp...
PA4040.XXXNL PULSE-PA4040.XXXNL Datasheet
536Kb / 2P
   THT Integrated Common Mode and Differential Mode Choke
PA4040.001NL PULSE-PA4040.001NL Datasheet
536Kb / 2P
   THT Integrated Common Mode and Differential Mode Choke
logo
Fairchild Semiconductor
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
logo
List of Unclassifed Man...
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com