Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF22NM60ND Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF22NM60ND
Description  Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22NM60ND Datasheet(HTML) 4 Page - STMicroelectronics

  STF22NM60ND Datasheet HTML 1Page - STMicroelectronics STF22NM60ND Datasheet HTML 2Page - STMicroelectronics STF22NM60ND Datasheet HTML 3Page - STMicroelectronics STF22NM60ND Datasheet HTML 4Page - STMicroelectronics STF22NM60ND Datasheet HTML 5Page - STMicroelectronics STF22NM60ND Datasheet HTML 6Page - STMicroelectronics STF22NM60ND Datasheet HTML 7Page - STMicroelectronics STF22NM60ND Datasheet HTML 8Page - STMicroelectronics STF22NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STF22NM60ND
4/13
DocID026895 Rev 2
2
Electrical characteristics
(TCASE = 25°C unless otherwise specified)
Table 5. On/off states
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
dv/dt(1)
1.
Characteristic value at turn off on inductive load
Drain source voltage slope
VDD= 480 V, ID= 17 A,
VGS= 10 V
36
V/ns
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
10
µA
VDS = 600 V, TC=125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 8.5 A
0.170
0.220
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-1800
-
pF
Coss
Output capacitance
90
pF
Crss
Reverse transfer
capacitance
8pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
300
-
pF
td(on)
Turn-on delay time
VDD =300 V, ID = 8.5 A
RG =4.7 Ω, VGS = 10 V
(see Figure 19),
(see Figure 14)
-18
-
ns
tr
Rise time
16
ns
td(off)
Turn-off delay time
70
ns
tf
Fall time
48
ns
Qg
Total gate charge
VDD = 480 V, ID = 17 A,
VGS = 10 V,
(see Figure 15)
-60
nC
Qgs
Gate-source charge
13
nC
Qgd
Gate-drain charge
30
-
nC
RG
Gate input resistance
f =1 MHz Gate DC Bias=0
Test signal level = 20 mV
Open drain
-3
-


Similar Part No. - STF22NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF22NM60N STMICROELECTRONICS-STF22NM60N Datasheet
994Kb / 23P
   N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
logo
Inchange Semiconductor ...
STF22NM60N ISC-STF22NM60N Datasheet
290Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STF22NM60N VBSEMI-STF22NM60N Datasheet
1Mb / 11P
   N-Channel 650-V (D-S) Super Junction MOSFET
More results

Similar Description - STF22NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STF24N60M6 STMICROELECTRONICS-STF24N60M6 Datasheet
265Kb / 13P
   N-channel 600 V, 162 m typ., 17 A, MDmeshTM M6 Power MOSFET in a TO-220FP package
August 2018 Rev 1
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
   Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
Rev 2 - April 2020
STW19NM60N STMICROELECTRONICS-STW19NM60N Datasheet
1Mb / 13P
   Automotive-grade N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in a TO-247 package
October 2013 Rev 2
STW47NM60ND STMICROELECTRONICS-STW47NM60ND Datasheet
1Mb / 12P
   N-channel 600 V, 0.075 廓 typ., 35 A FDmesh??II Power MOSFET (with fast diode) in a TO-247 package
STF7N60DM2 STMICROELECTRONICS-STF7N60DM2 Datasheet
710Kb / 13P
   N-channel 600 V, 0.78 typ., 6 A MDmeshTM DM2 Power MOSFET in a TO-220FP package
June 2017 Rev 1
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
   N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
June 2019 Rev 5
STF16N60M6 STMICROELECTRONICS-STF16N60M6 Datasheet
712Kb / 13P
   N-channel 600 V, 0.26 typ., 12 A MDmeshTM M6 Power MOSFET in a TO-220FP package
March 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com