Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAFC161S
Description  16-Bit Single-Chip Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161S Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAFC161S Datasheet HTML 1Page - Infineon Technologies AG SAFC161S Datasheet HTML 2Page - Infineon Technologies AG SAFC161S Datasheet HTML 3Page - Infineon Technologies AG SAFC161S Datasheet HTML 4Page - Infineon Technologies AG SAFC161S Datasheet HTML 5Page - Infineon Technologies AG SAFC161S Datasheet HTML 6Page - Infineon Technologies AG SAFC161S Datasheet HTML 7Page - Infineon Technologies AG SAFC161S Datasheet HTML 8Page - Infineon Technologies AG SAFC161S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
C161S
16-Bit Single-Chip Microcontroller
C166 Family
C161S
Data Sheet
1
V1.0, 2003-11
1
Summary of Features
High Performance 16-bit CPU with 4-Stage Pipeline
– 80 ns Instruction Cycle Time at 25 MHz CPU Clock
– 400 ns Multiplication (16
× 16 bit), 800 ns Division (32 / 16 bit)
– Enhanced Boolean Bit Manipulation Facilities
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Single-Cycle Context Switching Support
– 16 Mbytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area
16-Priority-Level Interrupt System with 30 Sources, Sample-Rate down to 40 ns
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC)
Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5),
via prescaler or via direct clock input
On-Chip Memory Modules: 2 Kbytes On-Chip Internal RAM (IRAM)
On-Chip Peripheral Modules
– Two Multi-Functional General Purpose Timer Units with 5 Timers
– Two Serial Channels (Sync./Asynchronous and High-Speed-Synchronous)
– On-Chip Real Time Clock
External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses with 8-bit or 16-bit
Data Bus Width
– Four Programmable Chip-Select Signals
– 4 Mbytes maximum address window size, results in a total external address space
of 16 Mbytes, when all chip-select signal (address windows) are active
Idle and Power Down Modes with Flexible Power Management
Programmable Watchdog Timer and Oscillator Watchdog
Up to 63 General Purpose I/O Lines,
partly with Selectable Input Thresholds and Hysteresis
Power Supply: the C161S can operate from a 5 V or a 3 V power supply (see Table 1)
Supported by a Large Range of Development Tools like C-Compilers,
Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers,
Simulators, Logic Analyzer Disassemblers, Programming Boards
On-Chip Bootstrap Loader
80-Pin MQFP Package


Similar Part No. - SAFC161S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAFC161K INFINEON-SAFC161K Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAFC161O INFINEON-SAFC161O Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAFC161PI INFINEON-SAFC161PI Datasheet
5Mb / 400P
   16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Siemens Semiconductor G...
SAFC161RI SIEMENS-SAFC161RI Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAFC161U INFINEON-SAFC161U Datasheet
6Mb / 469P
   Embedded C166 with USB, USART and SSC
Version 1.3 April 2001
More results

Similar Description - SAFC161S

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com