Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09L1120F15C0V203 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L1120F15C0V203
Description  Single-unit and dual-unit types suit a variety of controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L1120F15C0V203 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK09L1120F15C0V203 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L1120F15C0V203 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L1120F15C0V203 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L1120F15C0V203 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L1120F15C0V203 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L1120F15C0V203 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
314
Dimensions
No.
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Unit:mm
Unit:mm
1
2
3
Single-shaft, dual-unit
Horizontal type
RK09L1220(For tone)
RK09L12B0(For vol.)
4
Single-shaft, dual-unit
Vertical type
RK09L1240
(For tone)
RK09L12D0
(For vol.)
×
R
°
°
×
R
×
°
R
°
×
R
Single-shaft, single-unit
Horizontal type
RK09L1120
Single-shaft, single-unit
Vertical type
RK09L1140
Dimensions of Bushing and Fixing Lug
G
15
20
5
7
7
12
L1
LB
R1
12.5 15
5
5
7
7
20
25
7
7
12
12
L1
LB
R1
15
25
5
7
7
12
L1
LB
R1
15
20
5
7
7
12
L1
LB
R1
RK09L 9mm Size Metal Shaft Snap-in Type
1.1
4.1
5
3-ø1 hole
surface
Mounting
11.3
1.8
5
3-ø1 hole
1.1
3.3
5
2.5
6-ø1 hole
surface
Mounting
11.3
1.8
5
6-ø1 hole


Similar Part No. - RK09L1120F15C0V203

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L112003P ALPS-RK09L112003P Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L112003P ETC-RK09L112003P Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK09L1120A2S ALPS-RK09L1120A2S Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L1120A2S ETC-RK09L1120A2S Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK09L1120A69 ALPS-RK09L1120A69 Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
More results

Similar Description - RK09L1120F15C0V203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
Murata Manufacturing Co...
XRCGB25M000FFS1JR0 MURATA1-XRCGB25M000FFS1JR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB26M000F1SALR0 MURATA1-XRCGB26M000F1SALR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SAAR0 MURATA1-XRCGB32M000F1SAAR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SABR0 MURATA1-XRCGB32M000F1SABR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SALR0 MURATA1-XRCGB32M000F1SALR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com