Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD13S523PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPD13S523PWR
Description  13-Channel ESD Protection Solution
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD13S523PWR Datasheet HTML 4Page - Texas Instruments TPD13S523PWR Datasheet HTML 5Page - Texas Instruments TPD13S523PWR Datasheet HTML 6Page - Texas Instruments TPD13S523PWR Datasheet HTML 7Page - Texas Instruments TPD13S523PWR Datasheet HTML 8Page - Texas Instruments TPD13S523PWR Datasheet HTML 9Page - Texas Instruments TPD13S523PWR Datasheet HTML 10Page - Texas Instruments TPD13S523PWR Datasheet HTML 11Page - Texas Instruments TPD13S523PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
5V_SUPPLY
55 mA
Current
Switch
5V OUT
D3-
D3+
D2-
D2+
D1-
D1+
D0-
D0+
CTRL1
CTRL2
CTRL3
CTRL4
CTRL5
TPD13S523
SLVSBC5D – MARCH 2012 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPD13S523 device is a single-chip ESD solution for the HDMI transmitter port. By providing system-level
ESD protection for a full HDMI port, the TPD13S523 can protect the core IC from ESD strikes and absorb the
associated energy.
While providing the ESD protection, the TPD13S523 adds little-to-no signal distortion to the high-speed
differential signals. In addition, the monolithic integrated circuit technology ensures that there is excellent
matching between the two-signal pair of the differential line.
The TPD13S523 also provides an on-chip regulator with current output ratings of 55 mA at pin 38. This current
enables HDMI receiver detection even when the receiver device is powered off.
7.2 Functional Block Diagram
Figure 10. Electrical Equivalent Circuit Diagrams
7.3 Feature Description
7.3.1 IEC 61000-4-2 Protection
The connector-facing I/O pins can withstand ESD events up to ±12-kV contact and ±14-kV air. An ESD clamp
diverts the current to ground.
7.3.2 Single-Chip ESD Solution
The TPD13S523 provides a complete ESD protection scheme for an HDMI 1.4 compliant port. No additional
components are required for ESD protection and current-limiting besides this device.
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPD13S523


Similar Part No. - TPD13S523PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523PWR TI1-TPD13S523PWR Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results

Similar Description - TPD13S523PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
   1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
PDN002 CALMIRCO-PDN002 Datasheet
37Kb / 1P
   17 CHANNEL ESD PROTECTION ARRAY
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com