Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD13S523RSVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPD13S523RSVR
Description  13-Channel ESD Protection Solution
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523RSVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD13S523RSVR Datasheet HTML 6Page - Texas Instruments TPD13S523RSVR Datasheet HTML 7Page - Texas Instruments TPD13S523RSVR Datasheet HTML 8Page - Texas Instruments TPD13S523RSVR Datasheet HTML 9Page - Texas Instruments TPD13S523RSVR Datasheet HTML 10Page - Texas Instruments TPD13S523RSVR Datasheet HTML 11Page - Texas Instruments TPD13S523RSVR Datasheet HTML 12Page - Texas Instruments TPD13S523RSVR Datasheet HTML 13Page - Texas Instruments TPD13S523RSVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
CONTROL LINES
CONTROL LINES
5 V
TMDS LINES
TMDS LINES
HDMI
Transmitter
TPD13S523
HDMI
Connector
0.1 F
CEC
DCLK
DDAT
HPD
5 V
5V_OUT
5V_SUPPLY
UTILITY
0.1 F
TPD13S523
SLVSBC5D – MARCH 2012 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPD13S523 provides IEC 61000-4-2 Level 4 Contact ESD protection for an HDMI 1.4 transmitter port. An
integrated current limit switch ensures compliance with the HDMI 5-V power supply requirements. This section
presents a simplified discussion of the design process for this protection device.
8.2 Typical Application
A typical application schematic for an HDMI 1.4 transmitter port protected by the TPD13S523 is shown in
Figure 11. The eight TMDS lines and five control lines are connected to their respective pins for ESD protection.
The 5-V power path is connected through the 55-mA current limit switch.
Figure 11. TPD13S523 Configured With an HDMI 1.4 Transmitter Port
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as input parameters.
Table 1. Design Parameters
PARAMETER
EXAMPLE VALUE
Voltage on 5V_SUPPLY
4.8 V - 5.3 V
HDMI Data Rate
3.4 Gbps
8.2.2 Detailed Design Procedure
To begin the design process, the designer must know the following parameters:
5V_SUPPLY voltage range
Maximum HDMI data rate
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPD13S523


Similar Part No. - TPD13S523RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD13S523PWR TI1-TPD13S523PWR Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results

Similar Description - TPD13S523RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
   1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
PDN002 CALMIRCO-PDN002 Datasheet
37Kb / 1P
   17 CHANNEL ESD PROTECTION ARRAY
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com