Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046BVFRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046BVFRG4
Description  4-Port Hub for the Universal Serial Bus
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046BVFRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2046BVFRG4 Datasheet HTML 3Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 4Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 5Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 6Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 7Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 8Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 9Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 10Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
15 k
15 k
1.5 k
22
22
7
TUSB2046B, TUSB2046BI
www.ti.com
SLLS413K – FEBRUARY 2000 – REVISED JANUARY 2016
Product Folder Links: TUSB2046B TUSB2046BI
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(1)
Applies for input buffers with hysteresis.
(2)
Applies for open-drain buffers.
VIT+
Positive input threshold
TTL/LVCMOS
1.8
V
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1.8
VIT–
Negative-input threshold
TTL/LVCMOS
0.8
V
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1
Vhys
Input hysteresis(1)
(VT+ – VT–)
TTL/LVCMOS
0.3
0.7
mV
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
300
500
IOZ
High-impedance output current
TTL/LVCMOS
V = VCC or GND
(2)
±10
μA
USB data lines
0 V
≤ VO ≤ VCC
±10
IIL
Low-level input current
TTL/LVCMOS
VI = GND
–1
μA
IIH
High-level input current
TTL/LVCMOS
VI = VCC
1
μA
z0(DRV)
Driver output impedance
USB data lines
Static VOH or VOL
7.1
19.9
VID
Differential input voltage
USB data lines
0.8 V
≤ VICR ≤ 2.5 V
0.2
V
ICC
Input supply current
Normal operation
40
mA
Suspend mode
1
μA
(1)
Characterized only. Limits are approved by design and are not production tested.
7.6 Differential Driver Switching Characteristics (Full Speed Mode)
over recommended ranges of operating free-air temperature and supply voltage, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM
See Figure 1 and Figure 2
4
20
ns
tf
Transition fall time for DP or DM
See Figure 1 and Figure 2
4
20
ns
t(RFM)
Rise/fall time matching(1)
(tr/tf) × 100
90%
110%
VO(CRS) Signal crossover output voltage
(1)
1.3
2.0
V
(1)
Characterized only. Limits are approved by design and are not production tested.
7.7 Differential Driver Switching Characteristics (Low Speed Mode)
over recommended ranges of operating free-air temperature and supply voltage, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM(1)
CL = 200 pF to 600 pF,
See Figure 1 and Figure 2
75
300
ns
tf
Transition fall time for DP or DM(1)
CL = 200 pF to 600 pF,
See Figure 1 and Figure 2
75
300
ns
t(RFM)
Rise/fall time matching(1)
(tr/tf) × 100
80%
120%
VO(CRS) Signal crossover output voltage
(1)
CL = 200 pF to 600 pF
1.3
2.0
V
Figure 1. Differential Driver Switching Load


Similar Part No. - TUSB2046BVFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046BVFRG4 TI-TUSB2046BVFRG4 Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFRG4 TI-TUSB2046BVFRG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFRG4 TI1-TUSB2046BVFRG4 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2046BVFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_16 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com