Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046BVFRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046BVFRG4
Description  4-Port Hub for the Universal Serial Bus
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046BVFRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2046BVFRG4 Datasheet HTML 1Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 2Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 3Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 4Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 5Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 6Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 7Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 8Page - Texas Instruments TUSB2046BVFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Personal
Computer
Monitor with
TUSB2046B
4-Port Hub
Modem
Scanner
Digital Scanner
Right Speaker
Mouse
Left Speaker
Printer with
TUSB2046B
4-Port Hub
Keyboard with
TUSB2046B
4-Port Hub
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB2046B, TUSB2046BI
SLLS413K – FEBRUARY 2000 – REVISED JANUARY 2016
TUSB2046Bx 4-Port Hub for the Universal Serial Bus With Optional
Serial EEPROM Interface
1
(1)
JEDEC descriptor S-PQFP-G for low-profile quad flatpack
(LQFP).
1 Features
1
Fully Compliant With the USB Specification as a
Full-Speed Hub: TID #30220231
32-Pin LQFP (1) Package With a 0.8-mm Terminal
Pitch or QFN Package With a 0.5-mm Pin Pitch
3.3-V Low-Power ASIC Logic
Integrated USB Transceivers
State Machine Implementation Requires No
Firmware Programming
One Upstream Port and Four Downstream Ports
All Downstream Ports Support Full-Speed and
Low-Speed Operations
Two Power Source Modes
Self-Powered Mode
Bus-Powered Mode
Power Switching and Overcurrent Reporting Is
Provided Ganged or Per Port
Supports Suspend and Resume Operations
Supports Programmable Vendor ID and Product
ID With External Serial EEPROM
3-State EEPROM Interface Allows EEPROM
Sharing
Push-Pull Outputs for PWRON Eliminate the Need
for External Pullup Resistors
Noise Filtering on OVRCUR Provides Immunity to
Voltage Spikes
Package Pinout Allows 2-Layer PCB
Low EMI Emission Achieved by a 6-MHz Crystal
Input
Migrated From Proven TUSB2040 Hub
Lower Cost Than the TUSB2040 Hub
Enhanced System ESD Performance
No Special Driver Requirements; Works
Seamlessly With Any Operating System With USB
Stack Support
Supports 6-MHz Operation Through a Crystal
Input or a 48-MHz Input Clock
2 Applications
Computer Systems
Docking Stations
3 Description
The TUSB2046B is a 3.3-V CMOS hub device that
provides one upstream port and four downstream
ports in compliance with the Universal Serial Bus
(USB) specification as a full-speed hub. Because this
device is implemented with a digital state machine
instead of a microcontroller, no firmware
programming
is
required.
Fully
compliant
USB
transceivers are integrated into the ASIC for all
upstream and downstream ports. The downstream
ports support full-speed and low-speed devices by
automatically setting the slew rate according to the
speed of the device attached to the ports. The
configuration of the BUSPWR pin selects either the
bus-powered or the self-powered mode.
Configuring the GANGED input determines the power
switching and overcurrent detection modes for the
downstream ports. If GANGED is high, all PWRON
outputs switch together and if any OVRCUR is
activated, all ports transition to the power-off state. If
GANGED is low, the PWRON outputs and OVRCUR
inputs operate on a per-port basis.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB2046B
VQFN (32)
5.00 mm × 5.00 mm
LQFP (32)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
USB-Tiered Configuration Example


Similar Part No. - TUSB2046BVFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046BVFRG4 TI-TUSB2046BVFRG4 Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFRG4 TI-TUSB2046BVFRG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFRG4 TI1-TUSB2046BVFRG4 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2046BVFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_16 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com