Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAK-C164SL-6RM Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAK-C164SL-6RM
Description  16-Bit Single-Chip Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C164SL-6RM Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAK-C164SL-6RM Datasheet HTML 6Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 7Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 8Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 9Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 10Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 11Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 12Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 13Page - Infineon Technologies AG SAK-C164SL-6RM Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
6
V2.0, 2001-05
P4
P4.0
P4.1
P4.2
P4.3
P4.5
P4.6
17
18
19
22
23
24
IO
O
O
O
O
O
O
O
O
O
I
O
O
Port 4 is a 6-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 4 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 4 is
selectable (TTL or special).
Port 4 can be used to output the segment address lines, the
optional chip select lines, and for serial interface lines:1)
A16
Least Significant Segment Address Line,
CS3
Chip Select 3 Output
A17
Segment Address Line,
CS2
Chip Select 2 Output
A18
Segment Address Line,
CS1
Chip Select 1 Output
A19
Segment Address Line,
CS0
Chip Select 0 Output
A20
Segment Address Line,
CAN1_RxD CAN 1 Receive Data Input
A21
Most Significant Segment Address Line,
CAN1_TxD CAN 1 Transmit Data Output
RD
25
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
WR/
WRL
26
O
External Memory Write Strobe. In WR-mode this pin is
activated for every external data write access. In WRL-mode
this pin is activated for low byte data write accesses on a
16-bit bus, and for every data write access on an 8-bit bus.
See WRCFG in register SYSCON for mode selection.
ALE
27
O
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the
multiplexed bus modes.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function


Similar Part No. - SAK-C164SL-6RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-C164SM-4R25F INFINEON-SAK-C164SM-4R25F Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAK-C164SM-4RF INFINEON-SAK-C164SM-4RF Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAK-C164SV-2R25F INFINEON-SAK-C164SV-2R25F Datasheet
895Kb / 65P
   16-Bit Single-Chip Microcontroller
V1.0, Apr. 2003
SAK-C164SV-2RF INFINEON-SAK-C164SV-2RF Datasheet
895Kb / 65P
   16-Bit Single-Chip Microcontroller
V1.0, Apr. 2003
More results

Similar Description - SAK-C164SL-6RM

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com