Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C868 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # C868
Description  8-Bit Single-Chip Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C868 Datasheet(HTML) 5 Page - Infineon Technologies AG

  C868 Datasheet HTML 1Page - Infineon Technologies AG C868 Datasheet HTML 2Page - Infineon Technologies AG C868 Datasheet HTML 3Page - Infineon Technologies AG C868 Datasheet HTML 4Page - Infineon Technologies AG C868 Datasheet HTML 5Page - Infineon Technologies AG C868 Datasheet HTML 6Page - Infineon Technologies AG C868 Datasheet HTML 7Page - Infineon Technologies AG C868 Datasheet HTML 8Page - Infineon Technologies AG C868 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Data Sheet
5
V 1.0, 2003-05
C868
8-Bit Single-Chip Microcontroller
C800 Family
C868
Advance Information
• C800 core :
–Fully compatible to standard 8051 microcontroller
–Superset of the 8051 architecture with 8 datapointers
• 40 MHz internal CPU clock
–external clock of 6.67 - 10.67 MHz at 50% duty cycle
–300 ns instruction cycle time (@37.5 MHz CPU clock)
• 8 Kbyte on-chip Program ROM for C868-1R and 8 KByte on-chip Program RAM for
C868-1S
• In-system programming support for programming the XRAM(C868-1R) or XRAM/
Program RAM(C868-1S)
–This feature is realized through 4KB Boot ROM
• 256 byte on-chip RAM
• 256 byte on-chip XRAM
(further features are on the next page)
Figure 1
C868 Functional Units
8-bit
UART
I/O
XRAM
256
× 8
Timer 2
Watchdog Timer
Port 1
5-bit
I/O
8-bit
Port 3
CPU
8 datapointers
8-Bit ADC
16-bit
Capture/
RAM
256
× 8
Boot ROM
4K x 8
Compare
Unit
Timer 0
Timer 1
Analog/
ROM/RAM
8K
× 8
Digital
Input
16-bit Compare
Unit
Input
3-bit


Similar Part No. - C868

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C868-1R INFINEON-C868-1R Datasheet
2Mb / 244P
   8 - Bit CMOS Microcontroller
V 0.4, Jan. 2002
C868-1S INFINEON-C868-1S Datasheet
2Mb / 244P
   8 - Bit CMOS Microcontroller
V 0.4, Jan. 2002
C868 INFINEON-C868_02 Datasheet
2Mb / 244P
   8 - Bit CMOS Microcontroller
V 0.4, Jan. 2002
More results

Similar Description - C868

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com