Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAH-C517A Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAH-C517A
Description  8-bit CMOS MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAH-C517A Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAH-C517A Datasheet HTML 6Page - Infineon Technologies AG SAH-C517A Datasheet HTML 7Page - Infineon Technologies AG SAH-C517A Datasheet HTML 8Page - Infineon Technologies AG SAH-C517A Datasheet HTML 9Page - Infineon Technologies AG SAH-C517A Datasheet HTML 10Page - Infineon Technologies AG SAH-C517A Datasheet HTML 11Page - Infineon Technologies AG SAH-C517A Datasheet HTML 12Page - Infineon Technologies AG SAH-C517A Datasheet HTML 13Page - Infineon Technologies AG SAH-C517A Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
C517A
Semiconductor Group
8
PSEN
22
49
O
The Program Store Enable
output is a control signal that enables the
external program memory to the bus during
external fetch operations. It is activated
every six oscillator periods except during
external data memory accesses. The signal
remains high during internal program
execution.
ALE
2350O
The Address Latch enable
output is used for latching the address into
external memory during normal operation. It
is activated every six oscillator periods
except during an external data memory
access.
EA
24
51
I
External Access Enable
When held high, the C517A executes
instructions from the internal ROM as long
as the PC is less than 8000H. When held
low, the C517A fetches all instructions from
external program memory. For the C517A-L
this pin must be tied low. For the C517A-4R,
if the device is protected (see section 4.6 in
the User Manual) then this pin is only
latched during reset.
P0.0 - P0.7
26, 27,
30 - 35
52 - 59
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port.
Port 0 pins that have 1’s written to them
float, and in that state can be used as high-
impedance inputs. Port 0 is also the
multiplexed low-order address and data bus
during accesses to external program and
data memory. In this application it uses
strong internal pullup resistors when issuing
1’s. Port 0 also outputs the code bytes
during program verification in the C517A-
4R. External pullup resistors are required
during program verification.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions
(cont’d)
6\PERO
3LQ1XPEHU
,2 )XQFWLRQ
304)3
3/&&


Similar Part No. - SAH-C517A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAH-C515 SIEMENS-SAH-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
SAH-C515A-4R SIEMENS-SAH-C515A-4R Datasheet
1Mb / 182P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAH-C517A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com