Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C6V2 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BZT52C6V2
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BZT52C6V2 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  BZT52C6V2 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BZT52C6V2 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. BZT52C6V2 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. BZT52C6V2 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface mount zener diode
BZT52C2V4-BZT52C51
FEATURES
Planar die construction.
Pb
Lead-free
500mW power dissipation on ceramic
PCB.
General purpose, medium current.
Ideally suited for automated assembly processes.
APPLICATIONS
Zener diode.
Ultra-small surface mount package.
SOD-123
ORDERING INFORMATION
Type No.
Marking
Package Code
BZT52C2V4-BZT52C51
See table 2
SOD-123
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF=10mA
VF
0.9
V
Power Dissipation
Pd
500
mW
Thermal resistance,junction to ambient air
RθjA
305
℃/W
Junction temperature
Tj
150
Storage temperature range
Tstg
-65-150
Notes: 1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2
2. Short duration test pulse used to minimize self-heating effect.
3. When provided, otherwise, parts are provided with date code only, and type number
identifications appears on reel only.
4. f = 1KHz
www.shunyegroup.com.cn


Similar Part No. - BZT52C6V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C6V2 DIODES-BZT52C6V2 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
SHENZHEN YONGERJIA INDU...
BZT52C6V2 WINNERJOIN-BZT52C6V2 Datasheet
238Kb / 3P
   ZENER DIODE
logo
Guangdong Kexin Industr...
BZT52C6V2 KEXIN-BZT52C6V2 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZT52C6V2 VISHAY-BZT52C6V2 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Microdiode Electronics ...
BZT52C6V2 CHENDA-BZT52C6V2 Datasheet
283Kb / 4P
   Surface mount zener diode
More results

Similar Description - BZT52C6V2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com