Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFY25-20P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CFY25-20P
Description  HiRel X-Band GaAs Low Noise / General Purpose MESFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY25-20P Datasheet(HTML) 3 Page - Infineon Technologies AG

  CFY25-20P Datasheet HTML 1Page - Infineon Technologies AG CFY25-20P Datasheet HTML 2Page - Infineon Technologies AG CFY25-20P Datasheet HTML 3Page - Infineon Technologies AG CFY25-20P Datasheet HTML 4Page - Infineon Technologies AG CFY25-20P Datasheet HTML 5Page - Infineon Technologies AG CFY25-20P Datasheet HTML 6Page - Infineon Technologies AG CFY25-20P Datasheet HTML 7Page - Infineon Technologies AG CFY25-20P Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CFY25
Semiconductor Group
3 of 8
Draft D, Sep. 0000
Electrical Characteristics (at TA=25°C; unless otherwise specified)
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Drain-source saturation current
VDS = 3 V, VGS = 0 V
IDss
15
30
60
mA
Gate threshold voltage
VDS = 3 V, ID = 1 mA
-VGth
0.3
1.0
3.0
V
Drain current at pinch-off
VDS = 3 V, VGS = - 4 V
IDp
-
< 100
-
µA
Gate leakage current at pinch-off
VDS = 3 V, VGS = - 4 V
-IGp
-
< 100
200
µA
Transconductance
VDS = 3 V, ID = 15 mA
gm15
35
40
-
mS
Gate leakage current at operation
VDS = 3 V, ID = 15 mA
-IG15
-
< 1
2
µA
Thermal resistance
junction to soldering point
Rth JS
-
370
-
K/W


Similar Part No. - CFY25-20P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY25-20 SIEMENS-CFY25-20 Datasheet
158Kb / 6P
   GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
More results

Similar Description - CFY25-20P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
logo
NEC
NE21889 NEC-NE21889 Datasheet
184Kb / 5P
   LOW NOISE X BAND GAAS MESFET
logo
Infineon Technologies A...
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com