Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH320N4F6-6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STH320N4F6-6
Description  N-channel 40 V, 1.1 m廓 typ., 200 A, H짼PAK-2, H짼PAK-6 STripFET??VI DeepGATE??Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-6 Datasheet(HTML) 4 Page - STMicroelectronics

  STH320N4F6-6 Datasheet HTML 1Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 2Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 3Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 4Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STH320N4F6-2, STH320N4F6-6
4/19
Doc ID 024221 Rev 1
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
(VGS= 0)
ID = 250 µA
40
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 40 V,
VDS = 40 V, TC=125 °C
1
100
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage VDS= VGS, ID = 250 µA
24
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 80 A
1.1
1.3
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 15 V, f = 1 MHz, VGS =0
-
13800
1870
1095
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD= 20 V, ID= 160 A,
VGS= 10 V
(see Figure 14)
-
240
59
75.2
-
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 20 V, ID = 80 A
RG= 4.7 Ω, VGS= 10 V,
(see Figure 13)
-
28
98
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
-
190
95
-
ns
ns


Similar Part No. - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
STH30 SONY-STH30 Datasheet
2Mb / 2P
   Stereo Headset STH30
logo
STMicroelectronics
STH300NH02L-6 STMICROELECTRONICS-STH300NH02L-6 Datasheet
1Mb / 15P
   Automotive-grade N-channel 24 V, 0.95 typ., 180 A
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
   Automotive-grade N-channel 650 V, 102 m廓 typ., 28 A MDmesh DM6 Power MOSFET in an H짼PAK-7 package
June 2021
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
STH310N10F7-6 STMICROELECTRONICS-STH310N10F7-6 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
More results

Similar Description - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
   N-channel 40 V, 180 A STripFET??VI DeepGATE?? Power MOSFET in H짼PAK-2 package
August 2012 Rev 1
STH110N10F7-2 STMICROELECTRONICS-STH110N10F7-2 Datasheet
863Kb / 19P
   N-channel 100 V, 4.9 m廓 typ.,110 A, STripFET??F7 Power MOSFETs in H짼PAK-2 and H짼PAK-6 packages
November 2014 Rev 4
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
   Automotive-grade N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H짼PAK-2 package
June 2015 Rev 1
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STB120N4LF6 STMICROELECTRONICS-STB120N4LF6 Datasheet
897Kb / 18P
   N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com