Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP503 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # NP503
Description  1/2 PRESS-FIT STRAIGHT LEAD DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

NP503 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  NP503 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. NP503 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING ANDCHARACTERISTIC CURVES NP5005 THRU NP506
FIG. 1 –最大正向平均电流降额
FIG. 1 –MAXIMUM AVERAGE FORWARD CURRENT
DERATING
FIG. 2 –最大非重复正向浪涌电流
FIG. 2 –MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 3 –反向特性曲线(典型)
FIG. 3 – TYPICA
REVERSE
CHARACTERISTICS
FIG. 4–正向特性曲线(典型)
FIG.4 – TYPICA
FORWARD
CHARACTERISTICS
FIG.5–结电容特性曲线
FIG.5–TYPICAL JUNCTION CAPACITANCE
www.shunyegroup.com.cn


Similar Part No. - NP503

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NP503 NELLSEMI-NP503 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
NIHON DEMPA KOGYO
NP5032S NDK-NP5032S Datasheet
616Kb / 2P
   Base-stations, GbEthernet, Optical transmission device, and Server
NP5032S NDK-NP5032S Datasheet
599Kb / 2P
   Multi Mode Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA Datasheet
635Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO)
NP5032SA NDK-NP5032SA Datasheet
601Kb / 1P
   Simple Packaged Crystal Oscillator
More results

Similar Description - NP503

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NPZ5024 SHUNYE-NPZ5024 Datasheet
242Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
NP2505 SHUNYE-NP2505 Datasheet
245Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
NPZ3524 SHUNYE-NPZ3524 Datasheet
263Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
NP3505 SHUNYE-NP3505 Datasheet
198Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
logo
Won-Top Electronics
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
   50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
   35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW2500 WTE-PFW2500_06 Datasheet
33Kb / 2P
   25A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW2500 WTE-PFW2500 Datasheet
26Kb / 2P
   25A 1/2 FLAG LEAD PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com