Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKHHBYA010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHHBYA010
Description  6mm Square (Snap-in Type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHHBYA010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKHHBYA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
197
197
 
SKHH/6mm Square (Snap-in Type)
PC board mounting hole dimensions
(Viewed from switch mounting face)
No.
Style
H
6
H
2.4
6.5
0.7
0.7
Stem
1
2
3
4
H
6
øA
6.5
0.7 0.7
4.1
0.7
1
2
3
4
5
Stem
1
Photo
Dimensions
Top push type
Unit:mm
Joint stem type
With ground terminal type
h
4.3
5
7
9.5
13
17
A
3.5
3.5
3.3
3
3
3
h
4.3
5
7
9.5
A
3.5
3.5
3.3
3
3
2
H
6
øA
6.5
Stem
0.7
0.7
1
2
3
4
6.5
4-ø1 hole
6.5
4-ø1 hole
6.5
5-ø1 hole
Ground terminal hole


Similar Part No. - SKHHBYA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHHBYA010 ALPS-SKHHBYA010 Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
More results

Similar Description - SKHHBYA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHH ALPS-SKHH Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
   6mm Square (Snap-in Type)
SKHW ALPS-SKHW Datasheet
202Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKHW ALPS-SKHW_15 Datasheet
760Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com