Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C474K4RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C474K4RACAUTO
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.47 uF, /-10% Tol, 16 V, X7R, 0603 (1608 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C474K4RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C474K4RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/22/2015 - 8cd08ba7-23c3-4281-baef-c65c576f593b
KEMET Part Number: C0603C474K4RACAUTO
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.47 uF, +/-10% Tol, 16 V, X7R, 0603 (1608 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.6
+/-0.15
W
0.8
+/-0.15
T
0.8
+/-0.07
B
0.35
+/-0.15
S
0.7
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Automotive (AEC-Q200
Qualified)
Chip Size: 0603 (1608 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.47 uF
Voltage: 16 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 3.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 1.06 GOhm
Dielectric Strength: 40 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C474K4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C474K4RAC KEMET-C0603C474K4RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0603C474K4RAC3190 KEMET-C0603C474K4RAC3190 Datasheet
261Kb / 1P
   SMD Auto X7R, Ceramic, 0.47 uF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
5/16/2023
C0603C474K4RACTU KEMET-C0603C474K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C474K4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C473K4RACAUTO KEMET-C0603C473K4RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.047 uF, /-10% Tol, 16 V, X7R, 0603 (1608 metric)
C0603C474K8RACTU KEMET-C0603C474K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, /-10% Tol, 10 V, X7R, 0603 (1608 metric)
C0603C223K1RACAUTO KEMET-C0603C223K1RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.022 uF, /-10% Tol, 100 V, X7R, 0603 (1608 metric)
C0603C683K5RACAUTO KEMET-C0603C683K5RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.068 uF, /-10% Tol, 50 V, X7R, 0603 (1608 metric)
C0603C223K3RACAUTO KEMET-C0603C223K3RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.022 uF, /-10% Tol, 25 V, X7R, 0603 (1608 metric)
C0603C473K3RACAUTO KEMET-C0603C473K3RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.047 uF, /-10% Tol, 25 V, X7R, 0603 (1608 metric)
C0603C332K4RACAUTO KEMET-C0603C332K4RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 3300 pF, /-10% Tol, 16 V, X7R, 0603 (1608 metric)
C0603C103M5RACAUTO KEMET-C0603C103M5RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.01 uF, /-20% Tol, 50 V, X7R, 0603 (1608 metric)
C0603C273K4RACTU KEMET-C0603C273K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.027 uF, /-10% Tol, 16 V, X7R, 0603 (1608 metric)
C0603C393K4RACTU KEMET-C0603C393K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.039 uF, /-10% Tol, 16 V, X7R, 0603 (1608 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com