Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLY38-05 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # CLY38-05
Description  HiRel C-Band GaAs Power-MESFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY38-05 Datasheet(HTML) 3 Page - Infineon Technologies AG

  CLY38-05 Datasheet HTML 1Page - Infineon Technologies AG CLY38-05 Datasheet HTML 2Page - Infineon Technologies AG CLY38-05 Datasheet HTML 3Page - Infineon Technologies AG CLY38-05 Datasheet HTML 4Page - Infineon Technologies AG CLY38-05 Datasheet HTML 5Page - Infineon Technologies AG CLY38-05 Datasheet HTML 6Page - Infineon Technologies AG CLY38-05 Datasheet HTML 7Page - Infineon Technologies AG CLY38-05 Datasheet HTML 8Page - Infineon Technologies AG CLY38-05 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CLY38
Semiconductor Group
3 of 10
Draft D, September 99
Electrical Characteristics (at TA=25°C; unless otherwise specified)
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Drain-source saturation current
VDS = 2 V, VGS = 0 V
IDss
2.4
3.8
5.2
A
Gate threshold voltage
VDS = 3 V, ID = 160 mA
-VGth
1.6
2.6
3.6
V
Drain current at pinch-off, low VDS
VDS = 3 V, VGS = -3.8 V
IDp3
-
-
400
µA
Gate current at pinch-off, low VDS
VDS = 3 V, VGS = -3.8 V
-IGp3
-
-
160
µA
Drain current at pinch-off, high VDS
VDS = 12 V, VGS = -4 V
IDp12
-
-
8000
µA
Gate current at pinch-off, high VDS
VDS = 12 V, VGS = -4 V
-IGp12
-
-
3200
µA
Transconductance
VDS = 3 V, ID = 720 mA
gm
900
1100
-
mS
Thermal resistance
junction to soldering point
VDS = 9 V, ID = 720 mA, Ts = +25°C
Rth JS
-
3.8
-
K/W


Similar Part No. - CLY38-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-00 INFINEON-CLY32-00 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-05 INFINEON-CLY32-05 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-10 INFINEON-CLY32-10 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results

Similar Description - CLY38-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com