Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOA2322A Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # FOA2322A
Description  3.2 Gbi t /s Laser Driver IC for Telecom and Datacom Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FOA2322A Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button FOA2322A Datasheet HTML 5Page - Infineon Technologies AG FOA2322A Datasheet HTML 6Page - Infineon Technologies AG FOA2322A Datasheet HTML 7Page - Infineon Technologies AG FOA2322A Datasheet HTML 8Page - Infineon Technologies AG FOA2322A Datasheet HTML 9Page - Infineon Technologies AG FOA2322A Datasheet HTML 10Page - Infineon Technologies AG FOA2322A Datasheet HTML 11Page - Infineon Technologies AG FOA2322A Datasheet HTML 12Page - Infineon Technologies AG FOA2322A Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
FOA2322A
Electrical Characteristics
Preliminary Data Sheet
5
2001-05
2
Electrical Characteristics
2.1
Absolute Maximum Ratings
Absolute Maximum Ratings which may not be exceeded to the device without causing
permanent damage or degradation. Exposure to these values for extended periods may
effect device reliability. If the device is operated beyond the range of Operating
Conditions and Characteristics functionality is not guaranteed. All voltages given within
this data sheet are referred to
VEE if not otherwise mentioned.
Table 1
Absolute Maximum Ratings
Parameter
Sym-
bol
Limit Values
Unit Condi-
tions
min.
max.
Supply Voltage
-0.3
6
V
Output Voltage at O, ON
VCC - 2.6 VCC + 0.3 V
1)
Output Voltage at MPOUT
-0.3
VCC + 0.3 V
1)2)
Output Voltage at Logic Output LF, HWA
-0.3
VCC + 0.3 V
1)
Output Voltage at IBIAS
-0.3
VCC + 0.3 V
1)2)
Input Voltage at Logic Inputs LEN, RST,
RSTN, CSELN
-0.3
VCC + 0.3 V
1)
Differential Data Input Voltage
|VD - VDN|
2.5
V
Differential Data Input Voltage
|VCLK - VCLKN|
2.5
V
Sink Current at Logic Output LF, HWA
5
mA
Source Current at LDOFF
-4
mA
Source Current at RPOUT
-2
mA
Modulation Current at O, ON
(both Outputs)
80
mA
Bias Current at IBIAS
95
mA
Modulation Control Sink Current at VMOD
(Input Current for Current Mirror 1:10)
9.6
mA
Bias Control Sink Current at VBIAS
(Input Current for Current Mirror 1:25)
4.8
mA
Modulation Current Adjust Resistor
RMOD
800


Similar Part No. - FOA2322A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FOA21002A2 INFINEON-FOA21002A2 Datasheet
178Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results

Similar Description - FOA2322A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
   Telecom / Datacom Laser Modules
logo
Micrel Semiconductor
SY88782L MICREL-SY88782L Datasheet
574Kb / 8P
   3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications
logo
Finisar Corporation.
FTE8510N1LCN FINISAR-FTE8510N1LCN Datasheet
822Kb / 2P
   For Datacom Applications
logo
Mitel Networks Corporat...
8C443 MITEL-8C443 Datasheet
182Kb / 9P
   PIN/Preamp(Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
   PIN Array(Parallel Datacom, Telecom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
   VCSEL Array(Parallel Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com