Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKPFACA010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPFACA010
Description  Long-travel with High Operation Force (Snap-in Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPFACA010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKPFACA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPFACA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPFACA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
192
192
List of Varieties
Type
Soft Feeling Type
Snap–in
Surface Mount
Radial
Series
SKEG
SKEG
SKPF
SKPM
SKPG
SKPR
SKPL
SKPD
Photo
Features
High operation force
Long travel
Low contact
resistance
High operation force
Low contact resistance
Round terminal
Low contact resistance
Water-proof
Dust-proof
IP standard
Operating
direction
Top push
Side push
Dimensions
(mm)
W
□6
7.5
8
5.9
6.6
7.5
V6.45
□7.8
D
9.9
9
6
6.3
7.8
H
See the relevant pages for
respective product descriptions
7.3
10
5
6.5
5
See the relevant pages for
respective product descriptions
Contact
Carbon
Silver
Carbon
Silver
Carbon
Operation
force
coverage
to 1N
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
1
See the relevant pages for
respective product descriptions
1.3
1
1.3
See the relevant pages for
respective product descriptions
Ground terminal
Operating temperature
range
−20℃ to +70℃
−40℃ to +90℃
Automotive use
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
5mA 12V DC
50mA
16V DC
5mA
12V DC
50mA
16V DC
5mA
12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation
resistance
100MΩ min. 100V DC 1min.
50MΩmin.100VDC 1min.
SKPDAF:100MΩmin.
100VDC 1min.
Voltage proof
250V AC 1min.
100VAC 1min.
SKPDAF: 250VDC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−30℃ 96h
−40℃ 96h −40℃ 1,000h −40℃ 96h
−40℃ 1,000h
−40℃ 96h
Dry heat
80℃ 96h
90℃ 96h
90℃ 1,000h
90℃ 96h
90℃ 1,000h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
60℃, 90 to
95%RH 1,000h
60℃, 90 to
95%RH 96h
60℃, 90 to 95%RH 1,000h
60℃, 90 to
95%RH 96h
Page
251
253
254
255
256
257
258
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. Indicates applicability to all products in the series, while indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.
TACT SwitchTM


Similar Part No. - SKPFACA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPFACA010 ALPS-SKPFACA010 Datasheet
182Kb / 3P
   Long-travel with High Operation Force (Snap-in Type)
More results

Similar Description - SKPFACA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPF ALPS-SKPF Datasheet
182Kb / 3P
   Long-travel with High Operation Force (Snap-in Type)
SKPE ALPS-SKPE Datasheet
190Kb / 3P
   Low-profile with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG_15 Datasheet
869Kb / 3P
   High Operation Force with 5mm Height (Surface Mount Type)
SKPG ALPS-SKPG Datasheet
188Kb / 3P
   High Operation Force with 5mm Height (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
   Long-travel with Low Contact Resistance (Surface Mount Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
   12mm Square Long Stem (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
logo
Sharp Corporation
GP1S563 SHARP-GP1S563 Datasheet
79Kb / 5P
   Long Case, Snap-in Mounting Type Photointerrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com