Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS10H100C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10H100C
Description  High voltage power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10H100C Datasheet HTML 1Page - STMicroelectronics STPS10H100C Datasheet HTML 2Page - STMicroelectronics STPS10H100C Datasheet HTML 3Page - STMicroelectronics STPS10H100C Datasheet HTML 4Page - STMicroelectronics STPS10H100C Datasheet HTML 5Page - STMicroelectronics STPS10H100C Datasheet HTML 6Page - STMicroelectronics STPS10H100C Datasheet HTML 7Page - STMicroelectronics STPS10H100C Datasheet HTML 8Page - STMicroelectronics STPS10H100C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS10H100C
4/10
DocID024444 Rev 1
Figure 11. Thermal resistance junction to ambient versus copper surface under tab
Figure 7. Relative variation of thermal
impedance junction to case versus pulse
duration (TO-220FPAB)
Figure 8. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
per diode
0
102030
4050
60708090 100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
IR(μA)
Tj=125°C
Tj=25°C
Tj=150°C
Tj=100°C
VR(V)
Figure 9. Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 10. Forward voltage drop versus forward
current (maximum values, per diode)
1
2
5
10
20
50
100
10
100
1000
C(pF)
F=1MHz
Tj=25°C
VR(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10.0
100.0
IFM(A)
Tj=125°C
Typical values
Tj=125°C
Tj=25°C
Tj=150°C
Typical values
VFM(V)
0
2
4
6
8
101214161820
0
10
20
30
40
50
60
70
80
Rth(j-a) (°C/W)
S(Cu) (cm²)
Epoxy printed circuit board FR4,
copper thickness: 35μm


Similar Part No. - STPS10H100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CFP STMICROELECTRONICS-STPS10H100CFP Datasheet
110Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS10H100CG STMICROELECTRONICS-STPS10H100CG Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS10H100CG STMICROELECTRONICS-STPS10H100CG Datasheet
110Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS10H100CG ISC-STPS10H100CG Datasheet
273Kb / 3P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS10H100CG-1 STMICROELECTRONICS-STPS10H100CG-1 Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS10H100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com