Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKPMAPE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPMAPE010
Description  Low Contact Resistance (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPMAPE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKPMAPE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPMAPE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPMAPE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
254
254
Soft feeling with metal contact provides
low contact resistance
Low Contact Resistance (Surface Mount Type)
SKPM
2,000
Japan
Export
Product Line
Dimensions
Unit:mm
Top push
Product No.
SKPMAME010
SKPMANE010
SKPMAPE010
SKPMBHE010
Operating force
1.57N
1.96N
2.45N
3N
Operating life
(1mA 5V DC)
100,000 cycles
Operating direction
Circuit Diagram
12
PC board land dimensions
(Viewed from switch mounting face)
Style
Packing Specifications
Taping
Reel size
Unit:mm
Stem
2
1
6.6
5.9
5
8
4
2,000
Minimum order unit(pcs.)
Typical Specifications
Items
Specifications
Rating(max.)
50mA 16V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
100mΩ max.
Travel(mm)
1.3
Refer to P.259 for soldering conditions.
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
2,000
20,000
20,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note


Similar Part No. - SKPMAPE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPMAPE010 ALPS-SKPMAPE010 Datasheet
194Kb / 3P
   Low Contact Resistance (Surface Mount Type)
More results

Similar Description - SKPMAPE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPM ALPS-SKPM Datasheet
194Kb / 3P
   Low Contact Resistance (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
   Long-travel with Low Contact Resistance (Surface Mount Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
   Low Contact Resistance
logo
World Produts Inc.
PCMP489 WPI-PCMP489 Datasheet
214Kb / 8P
   Low contact resistance
logo
Amphenol Corporation
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
   CONTACT RESISTANCE
logo
Amphenol Corporation
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A111-XX AMPHENOL-P-MUSB-A111-XX Datasheet
84Kb / 2P
   CONTACT RESISTANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com