Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKQB Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQB
Description  10mm Square Water-proof (Snap-in Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQB Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKQB_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQB_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQB_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQB_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKQB_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
203
203
 
SKQB/10mm Square Water-proof (Snap-in Type)
12
Immersion duration
1h
PC board mounting hole dimensions
(Viewed from switch mounting face)
Side push type
3
H10
øA
10.3
Stem
0.7
0.7
1
2
3
4
2
No.
Style
Dimensions
Top push type
Unit:mm
h
A
3.8
3.5
13
23.2
Top push type
Circuit Diagram
12
34
Side push type
Water Resisting Performance
Temperature of water
60℃
60℃
Depth of water
10cm
10cm
240h
SKQBAP, SKQBAJ, SKQBAQ,
SKQBAM, SKQBAR, SKQBAS
SKQBLB
Model
Items
11.5
ø4
0.7
0.7
6
11.1
0.3
1
3.4
4.2
4.2
7.7
Stem
1
2
Photo
1. When the switch is used in an environment subject to high humidity or condensation, make sure the terminals are coated
thoroughly to prevent current leakage between terminals.
2. Avoid using coating material containing toluene or xylene. For more information on coating material, please contact us.
3. Switch terminals must be coated thoroughly until the terminals are fully covered.
Notes
Please use 1.6mm thick PC boards.
Note
10.3
4-ø1 hole
11.1
6
2-ø1
hole
2-ø1.3
hole


Similar Part No. - SKQB_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQBAJA010 ALPS-SKQBAJA010 Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
SKQBAMA010 ALPS-SKQBAMA010 Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
SKQBAPA010 ALPS-SKQBAPA010 Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
SKQBAQA010 ALPS-SKQBAQA010 Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
SKQBARA010 ALPS-SKQBARA010 Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
More results

Similar Description - SKQB_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQB ALPS-SKQB Datasheet
244Kb / 4P
   10mm Square Water-proof (Snap-in Type)
SKHW ALPS-SKHW_15 Datasheet
760Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKHW ALPS-SKHW Datasheet
202Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com