Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKQEACA010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQEACA010
Description  12mm Square Long-life (Snap-in Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQEACA010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKQEACA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQEACA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQEACA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQEACA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
186
186
TACT SwitchTM
List of Varieties
Type
Sharp Feeling Type
Snap–in
Series
SKHL
SKHH
SKHW
SKQJ
SKQB
SKQE
SKHC
Photo
Features
Long-life
Water-proof
Dust-proof
IP standard
Operating
direction
Top push
Side push
Dimensions
(mm)
W
6
□6
□6.6
□10
□12
D
3.5
H
4.3/5
See the relevant pages for
respective product descriptions
4.3/5
5
5/13/23.2
See the relevant pages for
respective product descriptions
Operation
force
coverage
to 1N
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
0.25
0.3
0.25
0.3
Ground terminal
Operating temperature range
−40℃ to +90℃
−20℃ to 70℃
−40℃ to +90℃
−40℃ to +85℃
Automotive use
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
50mA 12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation resistance
100MΩ min. 100V DC 1min.
Voltage proof
250V AC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−40℃ 96h
−30℃ 96h
−40℃ 96h
Dry heat
90℃ 96h
80℃ 96h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
60℃, 90 to 95%RH
1,000h
60℃, 90 to 95%RH 96h
Page
193
195
199
200
202
204
206
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. Indicates applicability to all products in the series, while indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.


Similar Part No. - SKQEACA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQEACA010 ALPS-SKQEACA010 Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
More results

Similar Description - SKQEACA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
   12mm Square Long Stem (Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
   TACT SwitchTM 12mm Square (Snap-in Type)
logo
Nichicon corporation
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
   Ultra-Long Life Snap-In, Aluminum
LP472M016A1P3 CDE-LP472M016A1P3_18 Datasheet
355Kb / 4P
   Stable ESR, Long Life, Snap-In
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com