Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZE1658G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # FZE1658G
Description  8 x Digital Sensor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FZE1658G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button FZE1658G Datasheet HTML 6Page - Infineon Technologies AG FZE1658G Datasheet HTML 7Page - Infineon Technologies AG FZE1658G Datasheet HTML 8Page - Infineon Technologies AG FZE1658G Datasheet HTML 9Page - Infineon Technologies AG FZE1658G Datasheet HTML 10Page - Infineon Technologies AG FZE1658G Datasheet HTML 11Page - Infineon Technologies AG FZE1658G Datasheet HTML 12Page - Infineon Technologies AG FZE1658G Datasheet HTML 13Page - Infineon Technologies AG FZE1658G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
FZE 1658G
Semiconductor Group
10
LED Drive L0 - L7
Open-load voltage
V
LO
3.5
5
V
V
D = 24 V,
I
LED = 0
2
“Low”- voltage
V
LL
0
0.75
V
V
D = 5 V,
I
LED = 0
2
Output current
I
LED
35
mA
V
D = 11 … 30 V,
V
L = 1.5 … 3 V
2
Output current
I
LED
1.5
6
mA
V
D = 11 … 30 V,
V
L = 1.2 … 3.5 V
2
Power down
output current
I
L
– 0.12
mA
V
S < VVSRU
1
Propagation delay
rising and falling
edge
t
DL
7.5
75
µs
V
D = 12 V
← 7V
2
Oscillator
CT source/sink
current
I
CT
150
250
µA1
Frequency
f
CT
1
1.5
kHz
C
T = 39 nF
2
Upper switching
threshold
V
CTP
3.3
4.3
V
2
Lower switching
threshold
V
CTN
1.4
2.2
V
2
Reset threshold
V
CTR
0.8
1.4
V
1
Reset input current
I
CTR
– 300
– 150
µA
V
CT = 0.8 V
1
Signal delay
t
DFI
24
ms
C
T = 39 nF
2
Characteristics (cont’d)
V
S = 15 V to 30 V; VDGND = 0, Tj = – 25 °C< Tj < 125 °C
Parameter
Symbol
Limit Values
Unit
Test Condition Test
Circuit
min.
typ.
max.


Similar Part No. - FZE1658G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FZE1658G SIEMENS-FZE1658G Datasheet
406Kb / 18P
   8 x Digital Sensor Interface
More results

Similar Description - FZE1658G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FZE1658G SIEMENS-FZE1658G Datasheet
406Kb / 18P
   8 x Digital Sensor Interface
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
   Digital Temperature Sensor with SST Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com