Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRAAWE010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRAAWE010
Description  6.2mm Square with Middle-travel (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRAAWE010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKRAAWE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRAAWE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRAAWE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
259
259
 
TACT SwitchTM Soldering Conditions
1. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at solder joints
 (copper foil surface).
A heat resistive tape should be used to fix thermocouple.
2. Temperature profile
Condition for Reflow
Available for Surface Mount Type.
180
150
260˚C max. 3 sec max.
230˚C
Time
120 sec max.
(pre-heating)
3 to 4min.
Time inside soldering equipment
Temperature (˚C )
40s max.
1. Prevent flux penetration from the top side of the TACT SwitchTM.
2. Switch terminals and a PC board should not be coated with flux prior to soldering.
3. The second soldering should be done after the switch is stable with normal temperature.
4. Use the flux with a specific gravity of min 0.81.
(EC-19S-8 by TAMURA Corporation, or equivalents.)
Notes
1. The above temperature shall be measured of the top of switch. There are cases where the PC board's temperature greatly
differs from that of the switch, depending on the material, size, thickness of PC boards and others.
  The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines.
Prior verification of soldering condition is highly recommended.
Notes
Conditions for Auto-dip
Available for Snap-in Type and Radial Type.
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 100℃ max.
Preheating time
60s max.
Soldering temperature
260℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
SKHH, SKPD Series
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 110℃ max.
Preheating time
60s max.
Soldering temperature
260℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
SKQJ, SKQK, SKEG Series
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 100℃ max.
Preheating time
45s max.
Soldering temperature
255℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
Manual Soldering
Items
Condition
Soldering temperature
350℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
60W max.
SKHH, SKHW, SKRG, SKPD Series
Items
Condition
Soldering temperature
360℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
60W max.
SKTD, SKTG, SKQJ, SKQK, SKEG Series
Items
Condition
Soldering temperature
350℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
20W max.


Similar Part No. - SKRAAWE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRAAKE010 ALPS-SKRAAKE010 Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
SKRAALE010 ALPS-SKRAALE010 Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
SKRAAME010 ALPS-SKRAAME010 Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
SKRAAQE010 ALPS-SKRAAQE010 Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
More results

Similar Description - SKRAAWE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
logo
Panasonic Semiconductor
EVPBD6C1A000 PANASONIC-EVPBD6C1A000 Datasheet
323Kb / 8P
   6 mm Square Middle Travel 2 terminals SMD
logo
ALPS ELECTRIC CO.,LTD.
SKPN ALPS-SKPN Datasheet
201Kb / 3P
   Long-travel with Low Contact Resistance (Surface Mount Type)
SKSU ALPS-SKSU Datasheet
1Mb / 3P
   Quiet Middle-stroke (Surface Mount Type)
SSAH ALPS-SSAH Datasheet
315Kb / 4P
   0.9(H)mm, 1.5mm-travel Surface Mount Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
SKQG ALPS-SKQG Datasheet
241Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com