Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRCACD010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRCACD010
Description  9mm Diameter Water-proof with Round Terminals (Radial Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRCACD010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRCACD010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRCACD010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRCACD010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKRCACD010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
250
250
Refer to P.259 for soldering conditions.
1. Please use 1.6mm thick PC boards.
2. When the switch is used in an environment subject to high humidity or condensation, make sure the terminals are coated 
  thoroughly to prevent current leakage between terminals.
3. Avoid using coating material containing toluene or xylene. For more information on coating material, please contact us.
4. Switch terminals must be coated thoroughly until the terminals are fully covered.
Notes
Water Resisting Performance
Temperature of water
60℃
Depth of water
10cm
Immersion duration
240h
9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRC


Similar Part No. - SKRCACD010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRCACD010 ALPS-SKRCACD010 Datasheet
146Kb / 3P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
More results

Similar Description - SKRCACD010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRC ALPS-SKRC Datasheet
146Kb / 3P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKPL ALPS-SKPL_15 Datasheet
833Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPL ALPS-SKPL Datasheet
186Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com