Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18L128160BF-75 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYB18L128160BF-75
Description  DRAMs for Mobile Applications
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18L128160BF-75 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYB18L128160BF-75 Datasheet HTML 3Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 4Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 5Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 6Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 7Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 8Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 9Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 10Page - Infineon Technologies AG HYB18L128160BF-75 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
HY[B/E]18L128160B[C/F]-7.5
128-Mbit Mobile-RAM
Overview
Data Sheet
7
V1.4, 2004-04-30
1
Overview
1.1
Features
4 banks
× 2 Mbit × 16 organization
Fully synchronous to positive clock edge
Four internal banks for concurrent operation
Programmable CAS latency: 2, 3
Programmable burst length: 1, 2, 4, 8 or full page
Programmable wrap sequence: sequential or interleaved
Programmable drive strength
Auto refresh and self refresh modes
4096 refresh cycles / 64 ms
Auto precharge
Commerical (0°C to +70°C) and Extended (-25
oC to +85oC) operating temperature range
54-ball P-VFBGA package (12.0
× 8.0 × 1.0 mm)
Power Saving Features
Low supply voltages:
V
DD = 1.8 V ± 0.15 V, VDDQ = 1.8 V ± 0.15 V
Optimized self refresh (
I
DD6) and standby currents (IDD2/IDD3)
Programmable Partial Array Self Refresh (PASR)
Temperature Compensated Self-Refresh (TCSR), controlled by on-chip temperature sensor
Power-Down and Deep Power Down modes
Table 1
Performance
Part Number Speed Code
- 7.5
Unit
Speed Grade
133
MHz
Access Time (
t
ACmax)
CL = 3
5.4
ns
CL = 2
6.0
ns
Clock Cycle Time (
t
CKmin)
CL = 3
7.5
ns
CL = 2
9.5
ns
Table 2
Memory Addressing Scheme
Item
Addresses
Banks
BA0, BA1
Rows
A0 - A11
Columns
A0 - A8


Similar Part No. - HYB18L128160BF-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18L128160BF-7.5 INFINEON-HYB18L128160BF-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
logo
Qimonda AG
HYB18L128160BF-7.5 QIMONDA-HYB18L128160BF-7.5 Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
More results

Similar Description - HYB18L128160BF-75

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
logo
Infineon Technologies A...
HYB18L256160BF INFINEON-HYB18L256160BF Datasheet
1Mb / 49P
   DRAMs for Mobile Applications
V1.4, April 2004
logo
Qimonda AG
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com