Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRKAEE010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRKAEE010
Description  1.5mm or 2mm stem height contribute to smaller and thinner sets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRKAEE010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRKAEE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRKAEE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRKAEE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKRKAEE010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
226
226
3.9 × 2.9mm Compact (Surface Mount Type)
SKRK
Circuit Diagram
1
2
Stem
4.8
3.9
1
2
3.4
5
(2.5)
Resist coating
PC board land dimensions
(Viewed from switch mounting face)
Style
Photo
2
No.
Dimensions
Unit:mm


Similar Part No. - SKRKAEE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRKAEE010 ALPS-SKRKAEE010 Datasheet
172Kb / 3P
   3.9횞2.9mm Compact (Surface Mount Type)
More results

Similar Description - SKRKAEE010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6TPE470M ETC2-6TPE470M Datasheet
359Kb / 4P
   TPE series has low ESR and can aid in creating thinner and smaller products.
logo
ALPS ELECTRIC CO.,LTD.
SKTA ALPS-SKTA Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
logo
BELIMO AIRCONTROLS (USA...
B207 BELIMO-B207 Datasheet
434Kb / 3P
   Stainless Steel Ball and Stem
logo
Kingston Technology Far...
SNVS KINGSTON-SNVS Datasheet
2Mb / 2P
   Efficient performance for thinner notebooks and systems
logo
Maxim Integrated Produc...
MAX1917EVKIT MAXIM-MAX1917EVKIT Datasheet
133Kb / 4P
   Automatically Sets VTT and VTTR to 1/2 VDDR
Rev 0; 7/02
logo
ALPS ELECTRIC CO.,LTD.
SKSW ALPS-SKSW Datasheet
774Kb / 3P
   Compact type with height of 0.6mm contributing to thinner product designs
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
ALPS ELECTRIC CO.,LTD.
SKSV ALPS-SKSV Datasheet
837Kb / 3P
   Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
   For smaller tanks and restricted space
logo
TT Electronics.
DIV23 TTELEC-DIV23 Datasheet
510Kb / 3P
   Superior alternative to matched sets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com