Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R06-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH1R06-Y
Description  Automotive Turbo 2 ultrafast high voltage rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06-Y Datasheet(HTML) 6 Page - STMicroelectronics

  STTH1R06-Y Datasheet HTML 1Page - STMicroelectronics STTH1R06-Y Datasheet HTML 2Page - STMicroelectronics STTH1R06-Y Datasheet HTML 3Page - STMicroelectronics STTH1R06-Y Datasheet HTML 4Page - STMicroelectronics STTH1R06-Y Datasheet HTML 5Page - STMicroelectronics STTH1R06-Y Datasheet HTML 6Page - STMicroelectronics STTH1R06-Y Datasheet HTML 7Page - STMicroelectronics STTH1R06-Y Datasheet HTML 8Page - STMicroelectronics STTH1R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH1R06-Y
6/9
DocID026713 Rev 1
2
Package information
Epoxy meets UL94,V0
Lead-free package
Band indicates cathode
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 14. SMBflat dimensions definitions
D
A
L2x
L
L1 2x
L2 2x
E
E1
b
c


Similar Part No. - STTH1R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06 STMICROELECTRONICS-STTH1R06 Datasheet
83Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
February 2005 REV. 3
STTH1R06 STMICROELECTRONICS-STTH1R06 Datasheet
117Kb / 9P
   Turbo 2 ultrafast high voltage rectifier
STTH1R06A STMICROELECTRONICS-STTH1R06A Datasheet
83Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
February 2005 REV. 3
STTH1R06A STMICROELECTRONICS-STTH1R06A Datasheet
117Kb / 9P
   Turbo 2 ultrafast high voltage rectifier
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
   600 V, 1 A, turbo 2 ultrafast rectifier
April 2022 Rev 3
More results

Similar Description - STTH1R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
   Automotive turbo 2 ultrafast high voltage rectifier
December 2014 Rev 2
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
   Automotive turbo 2 ultrafast high voltage rectifier
April 2018 Rev 2
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
August 2014 Rev 1
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
   Automotive turbo 2 ultrafast high voltage rectifier
November 2018
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com