Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPTIC-39G1H5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPTIC-39G1H5
Description  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-39G1H5 Datasheet(HTML) 5 Page - STMicroelectronics

  STPTIC-39G1H5 Datasheet HTML 1Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 2Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 3Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID023772 Rev 4
5/13
STPTIC
Package information
13
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 2. µQFN-6L package dimension
Figure 3. Recommended PCB land pattern for µQFN-6L package
C2
C1
C2
A2
B2
B1
C1
A1
1.2 mm
0.05 mm
±
0.7 mm
0.425 mm
0.35 mm
± 0.03 mm
0.9 mm
± 0.1 mm
0.25 mm
± 0.03 mm
0.5 mm
550 µm
600 µm
300 µm
Top Metal
NC
RF1
RF1
Bias
NC
RF2
Solder mask opening
RF1
RF2
RF1
250 µm
300 µm
200 µm


Similar Part No. - STPTIC-39G1H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-39G1H5 STMICROELECTRONICS-STPTIC-39G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

Similar Description - STPTIC-39G1H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com