Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18L256160BF-75 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYB18L256160BF-75
Description  DRAMs for Mobile Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18L256160BF-75 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYB18L256160BF-75 Datasheet HTML 7Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 8Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 9Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 10Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 11Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 12Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 13Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 14Page - Infineon Technologies AG HYB18L256160BF-75 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
11
V1.4, 2004-04-30
HY[B/E]18L256160B[C/F]-7.5
256-Mbit Mobile-RAM
Functional Description
2
Functional Description
The 256-Mbit Mobile-RAM is a high-speed CMOS, dynamic random-access memory containing 268,435,456 bits.
It is internally configured as a quad-bank DRAM.
READ and WRITE accesses to the Mobile-RAM are burst oriented; accesses start at a selected location and
continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration
of an ACTIVE command, followed by a READ or WRITE command. The address bits registered coincident with
the ACTIVE command are used to select the bank and row to be accessed (BA0, BA1 select the banks, A0 - A12
select the row). The address bits registered coincident with the READ or WRITE command are used to select the
starting column location for the burst access.
Prior to normal operation, the Mobile-RAM must be initialized. The following sections provide detailed information
covering device initialization, register definition, command description and device operation.
2.1
Power On and Initialization
The Mobile-RAM must be powered up and initialized in a predefined manner (see Figure 3). Operational
procedures other than those specified may result in undefined operation.
Figure 3
Power-Up Sequence and Mode Register Sets
Power-up:
VDD and CK stable
Load
Mode
Register
Load
Ext.
Mode
Register
= Don't Care
BA0=L
BA1=H
t
RFC
t
RFC
t
MRD
t
MRD
t
RP
200µs
t
CK
All
Banks
DQ
(High-Z)
DQM
BA0,BA1
NOP
BA
A10
CODE
NOP
RA
CODE
Address
CODE
NOP
RA
CODE
Command
PRE
ARF
ARF
MRS
NOP
NOP
ACT
MRS
CLK
BA0=L
BA1=L
(H Level)
VDD
VDDQ
CKE


Similar Part No. - HYB18L256160BF-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18L256160BF-7.5 INFINEON-HYB18L256160BF-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
logo
Qimonda AG
HYB18L256160BF-7.5 QIMONDA-HYB18L256160BF-7.5 Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
More results

Similar Description - HYB18L256160BF-75

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
logo
Infineon Technologies A...
HYB18L128160BF INFINEON-HYB18L128160BF Datasheet
1Mb / 53P
   DRAMs for Mobile Applications
V1.4, April 2004
logo
Qimonda AG
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com