Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T1G160AF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB18T1G160AF
Description  1 Gbit DDR2 SDRAM
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T1G160AF Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB18T1G160AF Datasheet HTML 6Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 7Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 8Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 9Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 10Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 11Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 12Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 13Page - Infineon Technologies AG HYB18T1G160AF Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
Page 10
Rev. 1.02
May 2004
INFINEON Technologies
HYB18T1G400/800/160AF
1Gb DDR2 SDRAM
1.6 Block Diagrams
Block Diagram 64Mbit x 4 I/O x 4 Internal Memory Banks,
(128 Mbit x 4 Organisation with 14 Row, 3 Bank and 12 Column External Addresses)
2
DQS
CK, CK
DLL
RAS
CAS
CK
CS
WE
CK
Column-Address
Counter/Latch
Mode
11
A0-A13,
BA0-BA2
CKE
17
17
I/O Gating
DM Mask Logic
Bank0
Memory
Array
(16384 x 512 x 16)
Sense Amplifiers
Bank0
Bank1
Bank7
17
9
2
2
2
4
4
4
Input
Register
1
1
1
1
1
16
16
4
16
Data
Mask
Data
CK,
COL0,1
COL0,1
COL0,1
DQS
Generator
1
1
4
16
DQ0-DQ3,
DM
DQS
Write
FIFO
&
Drivers
Column
Decoder
512
(x16)
Registers
16384
CK
4
4
DQS
DQS
1
1
4
4
4
4
4
4
4
4
AP
17
8
8
Note: This Functional Block Diagram is intended to facilitate user understanding of the operation of
the device; it does not represent an actual circuit implementation.
Note: DM is a unidirectional signal (input only), but is internally loaded to match the load of the bidi-
rectional DQ and DQS signals.


Similar Part No. - HYB18T1G160AF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T1G160BC-2.5 QIMONDA-HYB18T1G160BC-2.5 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-2.5F QIMONDA-HYB18T1G160BC-2.5F Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-3 QIMONDA-HYB18T1G160BC-3 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-3.7 QIMONDA-HYB18T1G160BC-3.7 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-3S QIMONDA-HYB18T1G160BC-3S Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
More results

Similar Description - HYB18T1G160AF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
   1 Gbit SDRAM
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
logo
Qimonda AG
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com