Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10034 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK10034
Description  Quad-Channel XAUI/10GBASE-KR Transceiver
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10034 Datasheet(HTML) 1 Page - Texas Instruments

  TLK10034_15 Datasheet HTML 1Page - Texas Instruments TLK10034_15 Datasheet HTML 2Page - Texas Instruments TLK10034_15 Datasheet HTML 3Page - Texas Instruments TLK10034_15 Datasheet HTML 4Page - Texas Instruments TLK10034_15 Datasheet HTML 5Page - Texas Instruments TLK10034_15 Datasheet HTML 6Page - Texas Instruments TLK10034_15 Datasheet HTML 7Page - Texas Instruments TLK10034_15 Datasheet HTML 8Page - Texas Instruments TLK10034_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLK10034
SLLSEC7A – AUGUST 2012 – REVISED OCTOBER 2015
TLK10034 Quad-Channel XAUI/10GBASE-KR Transceiver
1
Device Overview
1.1
Features
1
Nominal
• Quad-Channel Multi-Rate Transceiver
• No Power Supply Sequencing Requirements
• Supports 10GBASE-KR, XAUI, and 1GBASE-KX
Ethernet Standards
• Transmit De-emphasis and Receive Adaptive
Equalization to Allow Extended Backplane/Cable
• Supports All CPRI and OBSAI Data Rates Up to
Reach on Both High Speed and Low Speed Sides
10 Gbps
• Programmable Transmit Output Swing on Both
• Supports Multi-Rate SERDES Operation with Up to
High Speed and Low Speed Sides
10.3125 Gbps Data Rate on the High Speed Side
and Up to 5 Gbps on the Low Speed Side
• Loss of Signal (LOS) Detection
• Differential CML I/Os on Both High Speed and Low
• Supports 10G-KR Link Training, Forward Error
Speed Sides
Correction, Auto-Negotiation
• Interface to Backplanes, Passive and Active
• Jumbo Packet Support
Copper Cables, or SFP+ Optical Modules
• JTAG; IEEE 1149.1/1149.6 Test Interface
• Selectable Reference Clock per Channel with
• Industry Standard MDIO Clause 45 and 22 Control
Multiple Output Clock Options
Interfaces
• Loopback Capability on Both High Speed and Low
• 65nm Advanced CMOS Technology
Speed Sides
• Industrial Ambient Operating Temperature (–40°C
• Supports Data Retime Operation
to 85°C)
• Supports PRBS, CRPAT, CJPAT, High-/Low-
• Power Consumption: 825 mW per Channel
/Mixed-Frequency Patterns, and KR Pseudo-
(Nominal)
Random Pattern Generation and Verification,
• Device Package: 19-mm x 19-mm, 324-Pin PBGA,
Square-Wave Generation
1-mm Ball-Pitch
• Two Power Supplies: 1.0-V, and 1.5 or 1.8-V
1.2
Applications
10GBASE-KR Compliant Backplane Links
10 Gigabit Ethernet Blade Servers
10 Gigabit Ethernet Switch, Router, and Network
Proprietary Cable/Backplane Links
Interface Cards
High-Speed Point- to-Point Transmission Systems
1.3
Description
The TLK10034 is a quad-channel multi-rate transceiver intended for use in high-speed bi-directional point-
to-point data transmission systems. This device supports three primary modes. It can be used as a XAUI
to 10GBASE-KR transceiver, as a general-purpose 8b/10b multi-rate 4:1, 2:1, or 1:1 serializer/deserializer,
or can be used in 1G-KX mode.
While operating in the 10GBASE-KR mode, the TLK10034 performs serialization of the 8B/10B encoded
XAUI data stream presented on its low speed (LS) side data inputs. The serialized 8B/10B encoded data
is presented on the high speed (HS) side outputs in 64B/66B encoding format. Likewise, the TLK10034
performs deserialization of 64B/66B encoded data streams presented on its high speed side data inputs.
The deserialized 64B/66B data is presented in 8B/10B format on the low speed side outputs. Link Training
is supported in this mode as well as Forward Error Correction (FEC) for extended length applications.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLK10034_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10034AAJ TI1-TLK10034AAJ Datasheet
260Kb / 8P
[Old version datasheet]   QUAD-CHANNEL XAUI/10GBASE-KR TRANSCEIVER
More results

Similar Description - TLK10034_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10034 TI1-TLK10034 Datasheet
260Kb / 8P
[Old version datasheet]   QUAD-CHANNEL XAUI/10GBASE-KR TRANSCEIVER
TLK10031 TI1-TLK10031 Datasheet
1Mb / 146P
[Old version datasheet]   TLK10031 Single-Channel XAUI/10GBASE-KR Transceiver
TLK10232 TI1-TLK10232_14 Datasheet
1Mb / 103P
[Old version datasheet]   DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232 TI-TLK10232 Datasheet
1Mb / 102P
[Old version datasheet]   DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232 TI1-TLK10232_13 Datasheet
1Mb / 102P
[Old version datasheet]   DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK3118 TI1-TLK3118_09 Datasheet
575Kb / 59P
[Old version datasheet]   Redundant XAUI Transceiver
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
[Old version datasheet]   Dual XAUI Transceiver
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Texas Instruments
TLK3118 TI-TLK3118 Datasheet
526Kb / 57P
[Old version datasheet]   Redundant XAUI Transceiver
logo
Keysight Technologies
N8814B KEYSIGHT-N8814B Datasheet
4Mb / 13P
   N8814A 10GBASE-KR Ethernet Backplane
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com