Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS171RGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS171RGZT
Description  3.4 Gbps TMDS RETIMER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS171RGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMDS171RGZT Datasheet HTML 2Page - Texas Instruments TMDS171RGZT Datasheet HTML 3Page - Texas Instruments TMDS171RGZT Datasheet HTML 4Page - Texas Instruments TMDS171RGZT Datasheet HTML 5Page - Texas Instruments TMDS171RGZT Datasheet HTML 6Page - Texas Instruments TMDS171RGZT Datasheet HTML 7Page - Texas Instruments TMDS171RGZT Datasheet HTML 8Page - Texas Instruments TMDS171RGZT Datasheet HTML 9Page - Texas Instruments TMDS171RGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
TMDS171, TMDS171I
SLLSEN7A – OCTOBER 2015 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
These values are based upon a microcontroller driving the control pins. The pull up/down/floating resistor configuration will set control
pins properly which will have a different value than shown due to internal biasing.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply Voltage Nominal Value 3.3 V
3.135
3.3
3.465
V
VDD
Supply Voltage Nominial Value 1.2 V
1.1
1.2
1.27
V
TSTG
Storage temperature
–65
150
°C
TCASE
Case temperature
92.7
°C
TA
Operating free-air temperature (TMDS171)
0
85
°C
Operating free-air temperature (TMDS171I)
–40
85
°C
MAIN LINK DIFFERENTIAL PINS
VID(PP)
Peak-to-peak input differential voltage
75
1560
mVpp
VIC
Input Common Mode Voltage
VCC – 0.4
VCC + 0.1
V
dR
Data rate
0.25
3.4
Gbps
R(VSADJ)
TMDS compliant swing voltage bias resistor 1%
7.06
K
Ω
DDC, I2C, HPD, AND CONTROL PINS
VI(DC)
DC Input Voltage
HDP_SNK, SDA_SNK, SCL_SNK,
SDA_SRC, SCL_SRC
–0.3
5.5
V
All other Local I2C, and control pins
–0.3
3.6
V
VIL
Low-level input voltage HPD
0.8
V
Low-level input voltage at DDC/I2C
0.3 x VCC
V
Low-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL pins only(1)
0.3
V
VIM
Mid-Level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL pins only(1)
1
1.2
1.4
V
VIH
High-level input voltage at HPD
2
V
High-level input voltage at I2C and SDA_SRC, SCL_SRC
1.8
V
High-level input voltage at SDA_SNK, SCL_SNK
2.8
High-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL pins only(1)
2.6
V
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
2.4
V
fSCL
SCL clock frequency fast I2C mode for local I2C control
400
kHz
Cbus
Total capacitive load for each bus line (DDC and local I2C terminals)
400
pF
dR(DDC)
DDC Data rate
100
400
kbps
IIH
High level input current
30
30
µA
IIL
Low level input current
–25
25
µA
IOS
Short circuit output current
–50
50
mA
IOZ
High impedance output current
10
µA
R(OEPU)
Pull up resistance on OE pin
150
250
K
Ω
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
RGZ (QFN)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
31.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.2
RθJB
Junction-to-board thermal resistance
8.1
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
8.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2


Similar Part No. - TMDS171RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS1204 TI-TMDS1204 Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
TMDS1204IRNQR TI-TMDS1204IRNQR Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
TMDS1204IRNQT TI-TMDS1204IRNQT Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
TMDS1204RNQR TI-TMDS1204RNQR Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
TMDS1204RNQT TI-TMDS1204RNQT Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
More results

Similar Description - TMDS171RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com