Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1E10B06DPYT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E10B06DPYT
Description  Single-Channel ESD Protection Diode in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06DPYT Datasheet(HTML) 2 Page - Texas Instruments

  TPD1E10B06DPYT Datasheet HTML 1Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 2Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 3Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 4Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 5Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 6Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 7Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 8Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPD1E10B06
SLLSEB1D – FEBRUARY 2012 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................... 7
1
Features .................................................................. 1
7.4
Device Functional Modes.......................................... 7
2
Applications ........................................................... 1
8
Application and Implementation .......................... 8
3
Description ............................................................. 1
8.1
Application Information.............................................. 8
4
Revision History..................................................... 2
8.2
Typical Application ................................................... 8
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 10
6
Specifications......................................................... 3
10
Layout................................................................... 10
6.1
Absolute Maximum Ratings ...................................... 3
10.1
Layout Guidelines ................................................. 10
6.2
ESD Ratings.............................................................. 3
10.2
Layout Example .................................................... 10
6.3
Recommended Operating Conditions ....................... 3
11
Device and Documentation Support ................. 11
6.4
Thermal Information .................................................. 4
11.1
Community Resources.......................................... 11
6.5
Electrical Characteristics........................................... 4
11.2
Trademarks ........................................................... 11
6.6
Typical Characteristics .............................................. 5
11.3
Electrostatic Discharge Caution ............................ 11
7
Detailed Description .............................................. 7
11.4
Glossary ................................................................ 11
7.1
Overview ................................................................... 7
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 7
Information ........................................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2015) to Revision D
Page
Added Added test condition frequency to capacitance ......................................................................................................... 4
Added Community Resources ............................................................................................................................................. 11
Changes from Revision B (October 2012) to Revision C
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision A (March 2012) to Revision B
Page
Added THERMAL INFORMATION table. ............................................................................................................................... 4
Changes from Original (February 2011) to Revision A
Page
Updated FEATURES. ............................................................................................................................................................. 1
Added graphs to TYPICAL CHARACTERISTICS section...................................................................................................... 5
Added APPLICATION INFORMATION section...................................................................................................................... 8
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPD1E10B06


Similar Part No. - TPD1E10B06DPYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06DPYT TI1-TPD1E10B06DPYT Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06DPYT TI-TPD1E10B06DPYT Datasheet
1Mb / 24P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
TPD1E10B06DPYT TI-TPD1E10B06DPYT Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
OCTOBER 2021
logo
Shanghai Leiditech Elec...
TPD1E10B06DPYT LEIDITECH-TPD1E10B06DPYT Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - TPD1E10B06DPYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com