Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2S017 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPD2S017
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 2 Page - Texas Instruments

  TPD2S017_15 Datasheet HTML 1Page - Texas Instruments TPD2S017_15 Datasheet HTML 2Page - Texas Instruments TPD2S017_15 Datasheet HTML 3Page - Texas Instruments TPD2S017_15 Datasheet HTML 4Page - Texas Instruments TPD2S017_15 Datasheet HTML 5Page - Texas Instruments TPD2S017_15 Datasheet HTML 6Page - Texas Instruments TPD2S017_15 Datasheet HTML 7Page - Texas Instruments TPD2S017_15 Datasheet HTML 8Page - Texas Instruments TPD2S017_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPD2S017
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................... 6
1
Features .................................................................. 1
7.4
Device Functional Modes.......................................... 6
2
Applications ........................................................... 1
8
Application and Implementation .......................... 7
3
Description ............................................................. 1
8.1
Application Information.............................................. 7
4
Revision History..................................................... 2
8.2
Typical Application ................................................... 7
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ........................ 9
6
Specifications......................................................... 3
10
Layout..................................................................... 9
6.1
Absolute Maximum Ratings ...................................... 3
10.1
Layout Guidelines ................................................... 9
6.2
ESD Ratings.............................................................. 3
10.2
Layout Example ...................................................... 9
6.3
Recommended Operating Conditions ....................... 3
11
Device and Documentation Support ................. 10
6.4
Thermal Information .................................................. 4
11.1
Community Resources.......................................... 10
6.5
Electrical Characteristics........................................... 4
11.2
Trademarks ........................................................... 10
6.6
Dissipation Ratings ................................................... 4
11.3
Electrostatic Discharge Caution ............................ 10
6.7
Typical Characteristics .............................................. 5
11.4
Glossary ................................................................ 10
7
Detailed Description .............................................. 6
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 6
Information ........................................................... 10
7.2
Functional Block Diagram ......................................... 6
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2015) to Revision B
Page
Added ƒ = 10 MHz to the test condition of IO capacitance in the Electrical Characteristics table ....................................... 4
Changes from Original (September 2009) to Revision A
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPD2S017


Similar Part No. - TPD2S017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
   Ultra Low Capacitance 2 line ESD protection
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com