Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3S714-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3S714-Q1
Description  Automotive USB 2.0 Interface Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S714-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD3S714-Q1 Datasheet HTML 5Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 6Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 7Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 8Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 9Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 10Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 11Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 12Page - Texas Instruments TPD3S714-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
TPD3S714-Q1
www.ti.com
SLVSCG4 – JANUARY 2016
Product Folder Links: TPD3S714-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Timing Characteristics
over operating free-air temperature range, EN = 0 V, VBUS_SYS = 5 V, VIN = 3.3 V, VD+/VD-/D+/D-/VBUS_CON = float (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE PIN
tON
Enable on time
Time between enable device until FLT deasserts
13
ms
OVER CURRENT PROTECTION
tBLANK
Overcurrent blanking time
Time from overcurrent condition until FLT assertion and
VBUS FET turn off
2
ms
tRETRY
Overcurrent retry time
Time from overcurrent FET shut off until FET turns back
on
100
ms
tRECV
Overcurrent recovery time
Time from end of tRETRY until FLT deassertion if
overcurrent condition is removed
8
ms
OVER VOLTAGE PROTECTION
tOVP_response
OVP Response time - VBUS
Measured from OVP Condition to FET turn off
2
4
µs
tOVP_response
OVP Response time - data
switches
Measured from OVP Condition to FET turn off
200
ns
SHORT TO GROUND PROTECTION
tSHRT
Short to ground response time
CLOAD = 0 uF, Time from short condition until current
falls below 120% of ISHRT
2
4
µs


Similar Part No. - TPD3S714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S713-Q1 TI-TPD3S713-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713A-Q1 TI-TPD3S713A-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
TPD3S713AQRVCRQ1 TI-TPD3S713AQRVCRQ1 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
More results

Similar Description - TPD3S714-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
   USB 2.0 Interface Controller
logo
Texas Instruments
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
STMicroelectronics
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
   Common mode filter with ESD protection for USB 2.0 Interface
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
   USB 2.0 Controller - Quick Interface
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
Synaptics Incorporated.
CX20705 CONEXANT-CX20705 Datasheet
643Kb / 2P
   USB 2.0 Compliant Audio Class Interface
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
   Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Microchip Technology
USB3750 MICROCHIP-USB3750 Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com