Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D128800CT-6 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB25D128800CT-6
Description  128 Mbit Double Data Rate SDRAM
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D128800CT-6 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB25D128800CT-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 10Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 11Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 12Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Data Sheet
9
Rev. 1.0, 2004-04
HYB25D128[400/800/160]C[C/E/T](L)
128 Mbit Double Data Rate SDRAM
Overview
The DDR SDRAM provides for programmable Read or Write burst lengths of 2, 4 or 8 locations. An Auto
Precharge function may be enabled to provide a self-timed row precharge that is initiated at the end of the burst
access.
As with standard SDRAMs, the pipelined, multibank architecture of
DDR SDRAMs allows for concurrent
operation, thereby providing high effective bandwidth by hiding row precharge and activation time.
An auto refresh mode is provided along with a power-saving power-down mode. All inputs are compatible with the
JEDEC Standard for SSTL_2. All outputs are SSTL_2, Class II compatible.
Note: The functionality described and the timing specifications included in this data sheet are for the DLL Enabled
mode of operation.
Table 1
Ordering Information
Part Number
1)
1) HYB: designator for memory components
25D: DDR SDRAMs at
V
DDQ = 2.5 V
128: 128-Mbit density
400/800/160: Product variations x4, x8 and x16
C: Die revision C
T/E/C: Package type TSOP and FBGA
L: Low power version (optional) - these components are specifically selected for low
I
DD6 Self Refresh currents
-5/6/7/7F/8: speed grade - see Table 1
Org.
CAS-RCD-
RP
Latencies
Clock
(MHz)
CAS-RCD-
RP
Latencies
Clock
(MHz)
Speed
Package
HYB25D128160CT-5
×16
3-3-3
200
2.5-3-3
166
DDR400B
P-TSOPII-66-1
HYB25D128160CT-6
×16
2.5-3-3
166
2-3-3
133
DDR333
HYB25D128800CT-6
×8
HYB25D128800CTL-6
×8
HYB25D128400CT-7
×4
DDR266A
HYB25D128400CC-6
×4
DDR333
P-FBGA-60-2
HYB25D128160CE–5
×16
3-3-3
200
2.5-3-3
166
DDR400B
P-TSOPII-66-1
HYB25D128400CE–6
×4
2.5-3-3
166
2-3-3
133
DDR333
HYB25D128800CE–6
×8
HYB25D128800CEL–6
×8
HYB25D128160CE–6
×16


Similar Part No. - HYB25D128800CT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128800CT-6 QIMONDA-HYB25D128800CT-6 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D128800CT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128400AT INFINEON-HYB25D128400AT Datasheet
2Mb / 79P
   128 Mbit Double Data Rate SDRAM
Rev. 1.06, Jan. 2003
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com