Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKTC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKTC
Description  Compact, double action type with width of 2.2mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKTC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKTC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKTC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKTC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
215
215
 
Compact, double action type with width of 2.2mm
3.4×2.2mm Compact Low-profile Double Action(Surface Mount Type)
SKTC
SKTCABE010
1st 0.6N
2nd 1.4N
Top push
70,000 cycles
23,000
Minimum order unit(pcs.)
Japan
Export
Operating force
Operating direction
Operating life
(5mA 5V DC)
Product No.
Product Line
Packing Specifications
Taping
Reel size
Unit:mm
23,000
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
1st 0.15
2nd 0.25
Protective structure ※
IP67 equivalent
Circuit Diagram
2
4
1
3
2nd
1st
Dimensions
Unit:mm
3.1
4.2
PC board land dimensions
(Viewed from switch mounting face)
Style
2
4
3
1
3.9
3.4
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
23,000
230,000
230,000
12
401×401×214
※ Assumes the switch is left alone without being operated. Under the
specified conditions, dust and water ingress with a significant impact on
the switch's on-off function is prevented.
IP67 dust and water resistance is guaranteed for the switch alone
and performance may not be guaranteed depending on the mounting
conditions and usage.
For reels of 330mm diameter, please inquire.
Note
Refer to P.259 for soldering conditions.


Similar Part No. - SKTC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Kingtronics Internation...
SKT-2R-150A1 KINGTRONICS-SKT-2R-150A1 Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A2 KINGTRONICS-SKT-2R-150A2 Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A5 KINGTRONICS-SKT-2R-150A5 Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A5L KINGTRONICS-SKT-2R-150A5L Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
More results

Similar Description - SKTC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEE ALPS-SPEE Datasheet
295Kb / 3P
   Horizontal Type Double Action
logo
SHINMEI ELECTRIC CO., L...
TSW-3 SHINMEI-TSW-3 Datasheet
321Kb / 8P
   Body Height 1.5mm, Compact-sized Double Action Type Tactile Switches
TSW-15 SHINMEI-TSW-15 Datasheet
182Kb / 4P
   Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
TSW-24 SHINMEI-TSW-24 Datasheet
109Kb / 4P
   Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
logo
ALPS ELECTRIC CO.,LTD.
SKSK ALPS-SKSK Datasheet
781Kb / 3P
   0.6mm Low-profile double action type
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
   0.6mm low-profile, double action type
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
   Double action station
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
   Multifunction Switches (Double Action Type TactileLever)
logo
ALPS ELECTRIC CO.,LTD.
SKSE ALPS-SKSE Datasheet
182Kb / 3P
   5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
logo
SHINMEI ELECTRIC CO., L...
MQS-100 SHINMEI-MQS-100 Datasheet
240Kb / 5P
   Compact-sized Snap Action Switches (Connector Connection Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com