Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T512400AF-5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYB18T512400AF-5
Description  512-Mbit Double-Data-Rate-Two SDRAM
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T512400AF-5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYB18T512400AF-5 Datasheet HTML 3Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 4Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 5Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 6Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 7Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 8Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 9Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 10Page - Infineon Technologies AG HYB18T512400AF-5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
HYB18T512[400/800/160]A[C/F]–[3.7/5]
512-Mbit Double-Data-Rate-Two SDRAM
Overview
Data Sheet
7
Rev. 1.13, 2004-05
09112003-SDM9-IQ3P
1
Overview
This chapter gives an overview of the 512-Mbit Double-Data-Rate-Two SDRAM product family and describes its
main characteristics.
1.1
Features
The 512-Mbit Double-Data-Rate-Two SDRAM offers the following key features:
1.8 V
± 0.1 V Power Supply
1.8 V
± 0.1 V (SSTL_18) compatible I/O
DRAM organisations with 4, 8 and 16 data
in/outputs
Double Data Rate architecture: two data transfers
per clock cycle, four internal banks for concurrent
operation
CAS Latency: 3, 4 and 5
Burst Length: 4 and 8
Differential clock inputs (CK and CK)
Bi-directional, differential data strobes (DQS and
DQS) are transmitted / received with data. Edge
aligned with read data and center-aligned with write
data.
DLL aligns DQ and DQS transitions with clock
•DQS can be disabled for single-ended data strobe
operation
Commands entered on each positive clock edge,
data and data mask are referenced to both edges of
DQS
Data masks (DM) for write data
Posted CAS by programmable additive latency for
better command and data bus efficiency
Off-Chip-Driver impedance adjustment (OCD) and
On-Die-Termination (ODT) for better signal quality.
Auto-Precharge operation for read and write bursts
Auto-Refresh, Self-Refresh and power saving
Power-Down modes
Average Refresh Period 7.8
µs at a T
CASE lower
than 85 °C, 3.9
µs between 85 °C and 95 °C
Normal and Weak Strength Data-Output Drivers
1K page size for
×4 & ×8, 2K page size for ×16
Packages:
P-TFBGA-60-6 for
×4 & ×8 components
P-TFBGA-84-1 for
×16 components
1.2
Description
The 512-Mb DDR2 DRAM is a high-speed Double-
Data-Rate-2 CMOS Synchronous DRAM device
containing 536,870,912 bits and internally configured
as a quad-bank DRAM. The 512-Mb device is
organized as either 32 Mbit
× 4 I/O × 4 bank, 16 Mbit ×
8I/O
× 4bank or 8Mbit × 16 I/O × 4 bank chip. These
synchronous devices achieve high speed transfer rates
starting at 400 Mb/sec/pin for general applications. See
Table 1 for performance figures.
The device is designed to comply with all DDR2 DRAM
key features:
1. posted CAS with additive latency,
2. write latency = read latency - 1,
3. normal and weak strength data-output driver,
4. Off-Chip Driver (OCD) impedance adjustment and
5. an On-Die Termination (ODT) function.
All of the control and address inputs are synchronized
with a pair of externally supplied differential clocks.
Inputs are latched at the cross point of differential
clocks (CK rising and CK falling). All I/Os are
synchronized with a single ended DQS or differential
DQS-DQS pair in a source synchronous fashion.
Table 1
High Performance
Product Type Speed Code
–3.7
–5
Units
Speed Grade
DDR2–533 4–4–4
DDR2–400 3–3–3
max. Clock Frequency
@CL5
f
CK5
266
200
MHz
@CL4
f
CK4
266
200
MHz
@CL3
f
CK3
200
200
MHz
min. RAS-CAS-Delay
t
RCD
15
15
ns
min. Row Precharge Time
t
RP
15
15
ns
min. Row Active Time
t
RAS
45
40
ns
min. Row Cycle Time
t
RC
60
55
ns


Similar Part No. - HYB18T512400AF-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512400AF-5 INFINEON-HYB18T512400AF-5 Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512400AF-5 QIMONDA-HYB18T512400AF-5 Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
More results

Similar Description - HYB18T512400AF-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com