Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T256400AF-3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYB18T256400AF-3
Description  256 Mbi t DDR2 SDRAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T256400AF-3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYB18T256400AF-3 Datasheet HTML 2Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 3Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 4Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 5Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 6Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 7Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 8Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 9Page - Infineon Technologies AG HYB18T256400AF-3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
Page 6
Rev. 1.02
May 2004
INFINEON Technologies
HYB18T256400/800/160AF
256Mb DDR2 SDRAM
1.3 256Mbit DDR2 Addressing
1.4 Package Pinout & Addressing
1.4.1 Package Pinout for x4 components, 60 pins, FBGA Package (top view)
Configuration
64Mb x 4
32Mb x 8
16Mb x 16
# of Banks
4
44
Bank Address
BA0, BA1
BA0, BA1
BA0, BA1
Auto-Precharge
A10 / AP
A10 / AP
A10 / AP
Row Address
A0 ~ A12
A0 ~ A12
A0 ~ A12
Column Address
A0 ~ A9, A11
A0 ~ A9
A0 ~ A8
Page Length
2048 bits
1024 bits
512 bits
Page Size
1024 (1kB)
1024 (1kB)
1024 (1kB)
page length = 2 colbit,,
page size in bytes = 2 colbits x ORG / 8
where colbits is the number of column address bits and ORG the number of I/O (DQ) bits.
1
2
3
7
8
9
VDD
NC
VSS
A
VSSQ
DQS
VDDQ
NC
VSSQ
DM
B
DQS
VSSQ
NC
VDDQ
DQ1
VDDQ
C
VDDQ
DQ0
VDDQ
NC
VSSQ
DQ3
D
DQ2
VSSQ
NC
VDDL
VREF
VSS
E
VSSDL
CK
VDD
CKE
WE
F
RAS
CK
ODT
RFU
BA0
BA1
G
CAS
CS
A10
A1
H
A2
A0
VDD
VSS
A3
A5
J
A6
A4
A7
A9
K
A11
A8
VSS
VDD
A12
NC,(A14)
L
NC,(A15) NC,(A13)
Notes:
1) VDDL and VSSDL are power and ground for the DLL.They are isolated on the
device from VDD, VDDQ, VSS and VSSQ.
2) NC, (A13), NC,(A14) and NC,(A15) are additional address pins for future genera-
tion DRAMs and are not connected on this component
3) Ball position G1 “RFU” will be used for BA2 on 1Gbit memory densities and higher


Similar Part No. - HYB18T256400AF-3

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T256400AF QIMONDA-HYB18T256400AF Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYB18T256400AF QIMONDA-HYB18T256400AF Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYB18T256400AF-3

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T256161BF QIMONDA-HYB18T256161BF Datasheet
1Mb / 40P
   256-Mbit x16 DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com