Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D128323C-L4.5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB25D128323C-L4.5
Description  128 Mbit DDR SGRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D128323C-L4.5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB25D128323C-L4.5 Datasheet HTML 6Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 7Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 8Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 9Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 10Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 11Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 12Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 13Page - Infineon Technologies AG HYB25D128323C-L4.5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
HYB25D128323C[-3/-3.3/-3.6/-4.5/-5.0/L3.6/L4.5]
128 Mbit DDR SGRAM [4M x 32]
Overview
Data Sheet
10
V1.7, 2003-07
SGRAM consists of a single 64-bit wide, one clock cycle data transfer at the internal DRAM core and two
corresponding 32-bit wide, one-half clock cycle data transfers at the I/O pins. The result is a data rate of 666 Mbits
/ sec per pin. The external data interface is 32 bit wide and achieves at 333 MHz system clock a peak bandwidth
of 2.66 Gigabytes/sec.
The device is supplied with 2.5 V resp. within the range of 2.5 V - 2.9 V for the memory core and 2.5 V for the
output drivers. Two drivers strengths are available: 2.5 V Matched Impedance Mode and SSTL2 Weak Mode. The
“Matched Impedance Mode” interface is optimized for high frequency digital data transfers and matches the
impedance of graphics board systems (60Ohm).
Auto Refresh and Self Refresh operations are both supported.
A standard JEDEC TF-XBGA 128 package is used which enables ultra high speed clock and data transfer rates.
The signals are mapped symmetrically to the balls in order to enable mirrored mounting in application.
The chip is fabricated in Infineon technologies advanced 256M process technology.


Similar Part No. - HYB25D128323C-L4.5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D128323ACL-33 INFINEON-HYB25D128323ACL-33 Datasheet
2Mb / 28P
   MEMORY SPECTRUM
2004
More results

Similar Description - HYB25D128323C-L4.5

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
logo
Mosel Vitelic, Corp
V58C2128 MOSEL-V58C2128 Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
logo
Qimonda AG
HYB25DC256163CE-4 QIMONDA-HYB25DC256163CE-4 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com