Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D128400AT-6 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB25D128400AT-6
Description  128 Mbit Double Data Rate SDRAM
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D128400AT-6 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB25D128400AT-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 10Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 11Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 12Page - Infineon Technologies AG HYB25D128400AT-6 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
HYB25D128[400/800/160]A-[6/7/8]
128Mbit Double Data Rate SDRAM
Pin Configuration
Data Sheet
9
Rev. 1.06, 2004-01
09192003-LFQ1-R60G
Table 3
Pin Definitions and Functions
Symbol
Type
Function
CK, CK
Clock: CK and CK are differential clock inputs. All address and control input
signals are sampled on the crossing of the positive edge of CK and negative edge
of CK. Output (read) data is referenced to the crossings of CK and CK (both
directions of crossing).
CKE
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock
signals and device input buffers and output drivers. Taking CKE Low provides
Precharge Power-Down and Self Refresh operation (all banks idle), or Active
Power-Down (row Active in any bank). CKE is synchronous for power down entry
and exit, and for self refresh entry. CKE is asynchronous for self refresh exit. CKE
must be maintained high throughout read and write accesses. Input buffers,
excluding CK, CK and CKE are disabled during power-down. Input buffers,
excluding CKE, are disabled during self refresh.
CS
Chip Select: All commands are masked when CS is registered HIGH. CS
provides for external bank selection on systems with multiple banks. CS is
considered part of the command code. The standard pinout includes one CS pin.
RAS, CAS, WE
Command Inputs: RAS, CAS and WE (along with CS) define the command
being entered.
DM
UDM, LDM
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked
when DM is sampled HIGH coincident with that input data during a Write access.
DM is sampled on both edges of DQS. Although DM pins are input only, the DM
loading matches the DQ and DQS loading. For the
×16, LDM corresponds to the
data on DQ0-DQ7; UDM corresponds to the data on DQ8-DQ15.
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an Active, Read, Write
or Precharge command is being applied. BA0 and BA1 also determines if the
mode register or extended mode register is to be accessed during a MRS or
EMRS cycle.
A0 - A11
Input
Address Inputs: Provide the row address for Active commands, and the column
address and Auto Precharge bit for Read/Write commands, to select one location
out of the memory array in the respective bank. A10 is sampled during a
Precharge command to determine whether the Precharge applies to one bank
(A10 LOW) or all banks (A10 HIGH). If only one bank is to be precharged, the
bank is selected by BA0, BA1. The address inputs also provide the op-code
during a Mode Register Set command.
DQ
Input
Data Input/Output: Data bus.
DQS
UDQS,LDQS
Input
Data Strobe: Output with read data, input with write data. Edge-aligned with read
data, centered in write data. Used to capture write data.For the
×16, LDQS
corresponds to the data on DQ0-DQ7; UDQS corresponds to the data on DQ8-
DQ15.
NC
Input
No Connect: No internal electrical connection is present.
VDDQ
Input
DQ Power Supply: 2.5V
± 0.2V.
VSSQ
Input/Out-
put
DQ Ground
VDD
Input/Out-
put
Power Supply: 2.5V
± 0.2V.
VSS
Ground
VDDQ VREF
Supply
SSTL_2 reference voltage: (V
DDQ / 2)


Similar Part No. - HYB25D128400AT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128400C QIMONDA-HYB25D128400C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128400CC-6 INFINEON-HYB25D128400CC-6 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
logo
Qimonda AG
HYB25D128400CC-6 QIMONDA-HYB25D128400CC-6 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128400CE-6 INFINEON-HYB25D128400CE-6 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
logo
Qimonda AG
HYB25D128400CE-6 QIMONDA-HYB25D128400CE-6 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D128400AT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128160CT INFINEON-HYB25D128160CT Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com