Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTE11-2P1132 Datasheet(PDF) 2 Page - SICK AG

Part # WTE11-2P1132
Description  Photoelectric proximity sensor, energetic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTE11-2P1132 Datasheet(HTML) 2 Page - SICK AG

  WTE11-2P1132 Datasheet HTML 1Page - SICK AG WTE11-2P1132 Datasheet HTML 2Page - SICK AG WTE11-2P1132 Datasheet HTML 3Page - SICK AG WTE11-2P1132 Datasheet HTML 4Page - SICK AG WTE11-2P1132 Datasheet HTML 5Page - SICK AG WTE11-2P1132 Datasheet HTML 6Page - SICK AG WTE11-2P1132 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/4/2016 2:36:47 AM
Photoelectric sensors
W11-2, Photoelectric proximity sensor, energetic
1) Object with 90 % reflectance (referred to standard white DIN 5033) 2) Average service life of 100,000 h at TA = +25 °C
Type
> WTE11-2P1132
Part No.
> 1041382
At a glance
Energetic proximity sensor
Rugged housing for industrial use
PinPoint LED technology with a highly visible light spot
Space-saving plastic housing in chemically, thermally or mechanically resistant
designs
Dovetail mounting - standard mounting holes and oblong holes
Highly visible 360° status LEDs
Simple sensing distance adjustment via teach-in pushbutton
Operating distance up to 1,000 mm
Your benefits
Reliable detection of objects ranging from light to dark thanks to superior chip
technology
PinPoint LED technology provides a bright, small and precise light spot that
enables quick and easy sensor alignment
Precise switching characteristics ensure high performance even in changing
application conditions
Rugged housing design withstands harsh environments, reducing downtime and
maintenance effort
Highly visible 360° status LEDs provide quick and easy setup without additional
personnel or costly training
Easy installation using SICK accessories
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, energetic
Dimensions (W x H x D):
15.6 mm x 48.5 mm x 42 mm
Housing design (light emission):
Rectangular
Sensing range max.:
40 mm ... 1,000 mm 1)
Sensing range:
40 mm ... 600 mm
Type of light:
Visible red light
Light source:
LED 2)
Wave length:
633 nm
Teach-in:
Single teach-in button
Adjustment:
Teach-in
Light spot size (distance):
Ø 90 mm (600 mm)


Similar Part No. - WTE11-2P1132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTE11-2P2432 SICK-WTE11-2P2432 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, energetic
More results

Similar Description - WTE11-2P1132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTE15-N1111 SICK-WTE15-N1111 Datasheet
651Kb / 6P
   Photoelectric proximity sensor, energetic
WTB12-3N2411 SICK-WTB12-3N2411 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, energetic
WTE15-A1111 SICK-WTE15-A1111 Datasheet
654Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-B2411 SICK-WTE15-B2411 Datasheet
714Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-N2411 SICK-WTE15-N2411 Datasheet
711Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-B1111 SICK-WTE15-B1111 Datasheet
654Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-P2411 SICK-WTE15-P2411 Datasheet
711Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-A2411 SICK-WTE15-A2411 Datasheet
714Kb / 6P
   Photoelectric proximity sensor, energetic
WTB12-3N1231 SICK-WTB12-3N1231 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, energetic
WT18-3P210 SICK-WT18-3P210 Datasheet
737Kb / 6P
   Photoelectric proximity sensor, energetic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com